Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1640B-IMC Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP1640B-IMC
Description  0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640B-IMC Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP1640B-IMC Datasheet HTML 23Page - Microchip Technology MCP1640B-IMC Datasheet HTML 24Page - Microchip Technology MCP1640B-IMC Datasheet HTML 25Page - Microchip Technology MCP1640B-IMC Datasheet HTML 26Page - Microchip Technology MCP1640B-IMC Datasheet HTML 27Page - Microchip Technology MCP1640B-IMC Datasheet HTML 28Page - Microchip Technology MCP1640B-IMC Datasheet HTML 29Page - Microchip Technology MCP1640B-IMC Datasheet HTML 30Page - Microchip Technology MCP1640B-IMC Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 32 page
background image
 2010-2015 Microchip Technology Inc.
DS20002234D-page 27
MCP1640/B/C/D
APPENDIX A:
REVISION HISTORY
Revision D (September 2015)
The following is the list of modifications:
1.
Deleted maximum values for NMOS Switch
Leakage and PMOS Switch Leakage parame-
ters in DC Characteristics table.
2.
Updated Figure 2-15 in Section 2.0 “Typical
Performance Curves”.
3.
Minor typographical corrections.
Revision C (November 2014)
The following is the list of modifications:
1.
Updated Features list.
2.
Updated values in the DC Characteristics and
Temperature Specifications tables.
3.
Updated Figures 2-6 and 2-15.
4.
Updated Section 4.2.1 “Low-Voltage Start-
Up”.
5.
Updated
Section 5.2
“Adjustable
Output
Voltage Calculations and Maximum Output
Current”.
6.
Updated
Section 5.4
“Output
Capacitor
Selection”.
7.
Updated markings and SOT-23 package specifi-
cation
drawings
for
CHY
designator
in
Section 7.0 “Packaging Information”.
8.
Minor editorial corrections.
Revision B (March 2011)
The following is the list of modifications:
1.
Updated Table 5-2.
2.
Added
the
package
markings
tables
in
Section 7.0 “Packaging Information”.
Revision A (February 2010)
Original release of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com