Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1726-2502E/MF Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP1726-2502E/MF
Description  1A, Low-Voltage, Low Quiescent Current LDO Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1726-2502E/MF Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP1726-2502E/MF Datasheet HTML 9Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 10Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 11Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 12Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 13Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 14Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 15Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 16Page - Microchip Technology MCP1726-2502E/MF Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
 2005-2014 Microchip Technology Inc.
DS20001936D-page 13
MCP1726
3.0
PIN DESCRIPTION
The descriptions of the pins are listed in Table 3-1.
3.1
Input Voltage Supply (VIN)
Connect the unregulated or regulated input voltage
source to VIN. If the input voltage source is located
several inches away from the LDO or the input source
is a battery, it is recommended that an input capacitor
be used. A typical input capacitance value of 1 µF to
10 µF should be sufficient for most applications.
3.2
Shutdown Control Input (SHDN)
The SHDN input is used to turn the LDO output voltage
on and off. When the SHDN input is at a logic-high
level, the LDO output voltage is enabled. When the
SHDN input is pulled to a logic-low level, the LDO
output voltage is disabled. When the SHDN input is
pulled low, the PWRGD output also goes low and the
LDO enters a low quiescent current shutdown state
where the typical quiescent current is 0.1 µA.
3.3
Ground (GND)
Connect the GND pin of the LDO to a quiet circuit
ground. This will help the LDO power supply rejection
ratio and noise performance. The ground pin of the
LDO only conducts the quiescent current of the LDO
(typically 140 µA), so a heavy trace is not required.
3.4
Power Good Output (PWRGD)
The PWRGD output is an open-drain output used to
indicate when the LDO output voltage is within 92%
(typically) of its nominal regulation value. The PWRGD
output has a typical hysteresis value of 2% for the
adjustable voltage version and for voltage outputs less
than 2.5V. For fixed output voltage versions greater
than 2.5V, the hysteresis is 0.7%. The PWRGD output
is delayed on power-up by 200 µs (typical, no
capacitance on the CDELAY pin). This delay time is
controlled by the CDELAY pin.
3.5
Power Good Delay Set-Point Input
(CDELAY)
The CDELAY input sets the power-up delay time for the
PWRGD output. By connecting an external capacitor
from the CDELAY pin to ground, the delay times for the
PWRGD output can be adjusted from 200 µs (no
capacitance) to 300 ms (0.1 µF capacitor). This allows
for the optimal setting of the system reset time.
3.6
Output Voltage Sense Input (ADJ)
The output voltage adjust pin (ADJ) for the adjustable
output voltage version of the MCP1726 allows the user
to set the output voltage of the LDO by using two
external resistors. The adjust pin voltage is 0.41V
(typical).
3.7
Regulated Output Voltage (VOUT)
The VOUT pin(s) is the regulated output voltage of the
LDO. A minimum output capacitance of 1.0 µF is
required for LDO stability. The MCP1726 is stable with
ceramic,
tantalum
and
aluminum-electrolytic
capacitors. See Section 4.3 “Output Capacitor” for
output capacitor selection guidance.
3.8
Exposed Pad (EP)
The 3x3 DFN package has an exposed pad on the
bottom of the package. This pad should be soldered to
the Printed Circuit Board (PCB) to aid in the removal of
heat from the package during operation. The exposed
pad is at the ground potential of the LDO.
TABLE 3-1:
PIN FUNCTION TABLE
Fixed Output
Adjustable Output
Name
Description
3x3 DFN
SOIC
3x3 DFN
SOIC
11
11
VIN
Input Voltage Supply
22
22
VIN
Input Voltage Supply
33
33
SHDN
Shutdown Control Input (active-low)
44
44
GND
Ground
5
5
5
5
PWRGD Power Good Output
66
66
CDELAY Power Good Delay Set-Point Input
—
—
7
7
ADJ
Output Voltage Sense Input (adjustable version)
77
—
—
VOUT
Regulated Output Voltage
88
88
VOUT
Regulated Output Voltage
9
—
9
—
EP
Exposed Pad



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com