Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC508A Datasheet(PDF) 7 Page - Texas Instruments

Part # MPC508A
Description  Single-Ended 8-Channel/Differential 4-Channel CMOS ANALOG MULTIPLEXERS
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MPC508A Datasheet(HTML) 7 Page - Texas Instruments

Back Button MPC508A Datasheet HTML 3Page - Texas Instruments MPC508A Datasheet HTML 4Page - Texas Instruments MPC508A Datasheet HTML 5Page - Texas Instruments MPC508A Datasheet HTML 6Page - Texas Instruments MPC508A Datasheet HTML 7Page - Texas Instruments MPC508A Datasheet HTML 8Page - Texas Instruments MPC508A Datasheet HTML 9Page - Texas Instruments MPC508A Datasheet HTML 10Page - Texas Instruments MPC508A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
MPC508A, MPC509A
7
SBFS019A
www.ti.com
SWITCHING WAVEFORMS
Typical at +25
°C, unless otherwise noted.
100ns/Div
1 On
V
A Input
2V/Div
Output
0.5V/Div
V
AM 4.0V
Address Drive
(V
A)
Output
50%
50%
t
OPEN
0V
MPC508A(1)
GND
In 2 Thru In 7
In 1
In 8
Out
A
2
A
1
A
0
En
1k
50
+5V
+4.0V
12.5pF
V
A
V
OUT
NOTE: (1) Similar connection for MPC509A.
BREAK-BEFORE-MAKE DELAY (t
OPEN)
ENABLE DELAY (t
ON (EN), tOFF (EN))
100ns/Div
Output
2V/Div
MPC508A(1)
GND
In 2 Thru In 8
In 1
Out
A
2
A
1
A
0
En
1k
+10V
12.5pF
NOTE: (1) Similar connection for MPC509A.
50
V
A
Enable Drive
V
AM
4.0V
50%
90%
90%
0V
Output
t
ON(EN)
t
OFF(EN)
Enable Drive
2V/Div
Factors which will degrade multiplexer and system DC CMR
are:
Amplifier bias current and differential impedance mis-
match
Load impedance mismatch
Multiplexer impedance and leakage current mismatch
Load and source common-mode impedance
AC CMR roll off is determined by the amount of common-
mode capacitances (absolute and mismatch) from each signal
line to ground. Larger capacitances will limit CMR at higher
frequencies; thus, if good CMR is desired at higher frequen-
cies, the common-mode capacitances and unbalance of sig-
nal lines and multiplexer-to-amplifier wiring must be mini-
mized. Use twisted-shielded-pair signal lines wherever pos-
sible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com