Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1700T-2502E/TT Datasheet(PDF) 8 Page - Microchip Technology

Part # MCP1700T-2502E/TT
Description  Low Quiescent Current LDO
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700T-2502E/TT Datasheet(HTML) 8 Page - Microchip Technology

Back Button MCP1700T-2502E/TT Datasheet HTML 4Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 5Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 6Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 7Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 8Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 9Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 10Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 11Page - Microchip Technology MCP1700T-2502E/TT Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
MCP1700
DS20001826C-page 8
 2005-2013 Microchip Technology Inc.
Note: Unless otherwise indicated: VR =1.8V, COUT = 1 µF Ceramic (X7R), CIN = µF Ceramic (X7R), IL =100 µA,
TA =+25°C, VIN =VR +1V.
FIGURE 2-19:
Dynamic Load Step
(VR =2.8V).
FIGURE 2-20:
Dynamic Load Step
(VR =1.8V).
FIGURE 2-21:
Dynamic Load Step
(VR =2.8V).
FIGURE 2-22:
Dynamic Load Step
(VR =5.0V).
FIGURE 2-23:
Dynamic Line Step
(VR =2.8V).
FIGURE 2-24:
Start-up from VIN
(VR =1.2V).
VIN =3.8V
VR =2.8V
I= 100 mA
Load
Step
CIN = 1µF Ceramic
COUT = 1µF Ceramic
VIN =2.8V
VR =1.8V
IOUT= 200 mA
Load Step
CIN = 1 µF Ceramic
COUT =22 µF (1 ESR)
VIN =3.8V
VR =2.8V
IOUT=200 mA
Load Step
COUT =22 µF (1 ESR)
CIN =1 µF Ceramic
VIN =6V
VR =5V
IOUT= 200 mA
Load Step
COUT =22 µF (1 ESR)
CIN = 1 µF Ceramic
VIN =3.8V to
4.8V
VR =2.8V
IOUT
100 mA
COUT =1 µF Ceramic
VIN =0V to
2.2V
VR =1.2V
COUT = 1 µF Ceramic
RLOAD =25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com