Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-1802E/MB Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1703AT-1802E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-1802E/MB Datasheet(HTML) 1 Page - Microchip Technology

  MCP1703AT-1802E/MB Datasheet HTML 1Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 2Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 3Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 4Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 5Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 6Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 7Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 8Page - Microchip Technology MCP1703AT-1802E/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 1
MCP1703A
Features:
• Reduced Ground Current During Dropout
• Faster Startup Time
• 2.0 µA Typical Quiescent Current
• Input Operating Voltage Range: 2.7V to16.0V
• 250 mA Output Current for Output Voltages
≥ 2.5V
• 200 mA Output Current for Output Voltages < 2.5V
• Low Dropout Voltage, 625 mV Typical @ 250 mA
for VR =2.8V
• 0.4% Typical Output Voltage Tolerance
• Standard Output Voltage Options:
- 1.2V, 1.5V, 1.8V, 2.5V, 2.8V, 3.0V, 3.3V, 4.0V,
5.0V
• Output Voltage Range: 1.2V to 5.5V in 0.1V
Increments (50 mV increments available upon
request)
• A/D Friendly Voltage Options: 2.05V, 3.07V, 4.1V
• Stable with 1.0 µF to 22 µF Ceramic Output
Capacitance
• Short-Circuit Protection
• Overtemperature Protection
Applications:
• Battery-Powered Devices
• Battery-Powered Alarm Circuits
• Smoke Detectors
•CO2 Detectors
• Pagers and Cellular Phones
• Smart Battery Packs
• Low Quiescent Current Voltage Reference
•PDAs
• Digital Cameras
• Microcontroller Power
• Solar-Powered Instruments
• Consumer Products
Related Literature:
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., 2007
• AN766, “Pin-Compatible CMOS Upgrades to
Bipolar LDOs
”, DS00766,
Microchip Technology Inc., 2003
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application
”,
DS00792, Microchip Technology Inc., 2001
Description:
The MCP1703A is an improved version of the
MCP1703 low dropout (LDO) voltage regulator that can
deliver up to 250 mA of current while consuming only
2.0 µA of quiescent current (typical). The input
operating range is specified from 2.7V to 16.0V, making
it an ideal choice for two to six primary cell battery-
powered applications, 9V alkaline and one or two-cell
Li-Ion-powered applications.
The MCP1703A is capable of delivering 250 mA with
only 625 mV (typical) of input to output voltage
differential (VOUT = 2.8V). The output voltage tolerance
of the MCP1703A is typically ±0.4% at +25°C and ±3%
maximum over the operating junction temperature
range of -40°C to +125°C. Line regulation is ±0.1%
typical at +25°C.
Output voltages available for the MCP1703A range
from 1.2V to 5.5V. The LDO output is stable when using
only 1 µF of output capacitance. Ceramic, tantalum or
aluminum electrolytic capacitors can all be used for
input and output. Overcurrent limit and overtemperature
shutdown provide a robust solution for any application.
Package options include the SOT-223-3, SOT-23A,
2x3 DFN-8 and SOT-89-3.
Package Types
1
3
2
VIN
GND VOUT
1
2
3
VIN
GND
VOUT
SOT-23A
SOT-89
VIN
1
2
3
SOT-223
GND
VIN
VOUT
NC
NC
GND
NC
NC
1
2
3
4
8
7
6
5 NC
VOUT
EP
9
* Includes Exposed Thermal Pad (EP); see Table 3-1.
VIN
2x3 DFN*
250 mA, 16V, Low Quiescent Current LDO Regulator


Similar Part No. - MCP1703AT-1802E/MB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1703AT-1802E/XX MICROCHIP-MCP1703AT-1802E/XX Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
More results

Similar Description - MCP1703AT-1802E/MB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
250 mA Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2009
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1703A MICROCHIP-MCP1703A Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703T-3002E MICROCHIP-MCP1703T-3002E Datasheet
303Kb / 25P
250 mA, 16V, Low Quiescent Current
12/08/06
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
250 mA Low Quiescent Current LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com