Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-3002E/MB Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1703AT-3002E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-3002E/MB Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1703AT-3002E/MB Datasheet HTML 3Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 4Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 5Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 6Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 7Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 8Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 9Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 10Page - Microchip Technology MCP1703AT-3002E/MB Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 31 page
background image
 2012-2013 Microchip Technology Inc.
DS20005122B-page 7
MCP1703A
Note:
Unless otherwise indicated: COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 1 mA, TA = +25°C,
VIN = VOUT(MAX) + VDROPOUT(MAX) or 2.7V, whichever is greater.
FIGURE 2-13:
Dropout Voltage vs. Load
Current.
FIGURE 2-14:
Dropout Voltage vs. Load
Current.
FIGURE 2-15:
Dropout Voltage vs. Load
Current.
FIGURE 2-16:
Dynamic Line Response.
FIGURE 2-17:
Dynamic Line Response.
FIGURE 2-18:
Short Circuit Current vs.
Input Voltage.
0.00
0.50
1.00
1.50
2.00
2.50
3.00
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
V
OUT = 1.2V
0°C, +25°C, +90°C, +130°C
- 45°C
- 45°C, 0°C
0.00
0.10
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
V
OUT = 2.5V
+25°C
+130°C
0°C
- 45°C
+90°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
25
50
75 100 125 150 175 200 225 250
Load Current (mA)
V
OUT = 5.0V
+25°C
+130°C
0°C
- 45°C
+90°C
0
200
400
600
2
3
4
5
V
OUT = 2.5V
I
OUT = 10 mA
V
IN
V
OUT(AC)
-400
-200
0
1
0
500
1000
1500
2000
2500
Time (µs)
-200
0
200
400
2
3
4
5
V
OUT = 2.5V
I
OUT = 100 mA
V
IN
V
OUT(AC)
-600
-400
0
1
0
500
1000
1500
2000
2500
Time (µs)
0
100
200
300
400
500
600
700
800
02468
10
12
14
16
18
Input Voltage (V)
V
OUT = 2.5V
R
OUT < 0.1Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com