Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1703AT-3302E/MB Datasheet(PDF) 14 Page - Microchip Technology

Part # MCP1703AT-3302E/MB
Description  250 mA, 16V, Low Quiescent Current LDO Regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1703AT-3302E/MB Datasheet(HTML) 14 Page - Microchip Technology

Back Button MCP1703AT-3302E/MB Datasheet HTML 10Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 11Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 12Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 13Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 14Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 15Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 16Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 17Page - Microchip Technology MCP1703AT-3302E/MB Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 31 page
background image
MCP1703A
DS20005122B-page 14
 2012-2013 Microchip Technology Inc.
6.0
APPLICATION CIRCUITS AND
ISSUES
6.1
Typical Application
The MCP1703A is most commonly used as a voltage
regulator. Its low quiescent current and low dropout
voltage make it ideal for many battery-powered
applications.
FIGURE 6-1:
Typical Application Circuit.
6.1.1
APPLICATION INPUT CONDITIONS
6.2
Power Calculations
6.2.1
POWER DISSIPATION
The internal power dissipation of the MCP1703A is a
function of input voltage, output voltage and output
current. As a result of the quiescent current draw, the
power dissipation is so low that it is insignificant (2.0 µA
x VIN). The following equation can be used to calculate
the internal power dissipation of the LDO.
EQUATION 6-1:
The
maximum
continuous
operating
junction
temperature specified for the MCP1703A is +125°C. To
estimate the internal junction temperature of the
MCP1703A, the total internal power dissipation is
multiplied by the thermal resistance from junction to
ambient (RθJA). The thermal resistance from junction
to ambient for the SOT-23A pin package is estimated at
336°C/W.
EQUATION 6-2:
The maximum power dissipation capability for a
package can be calculated given the junction-to-
ambient thermal resistance and the maximum ambient
temperature for the application. The following equation
can be used to determine the package maximum
internal power dissipation.
EQUATION 6-3:
EQUATION 6-4:
EQUATION 6-5:
Package Type = SOT-23A
Input Voltage Range = 2.7V to 4.8V
VIN maximum = 4.8V
VOUT typical = 1.8V
IOUT = 50 mA maximum
GND
VOUT
VIN
CIN
1 µF Ceramic
COUT
1µF Ceramic
VOUT
VIN
2.7V to 4.8V
1.8V
IOUT
50 mA
MCP1703A
P
LDO
V
IN MAX
() VOUT MIN
()
–
() I
OUT MAX
()
×
=
Where:
PLDO = LDO Pass device internal power
dissipation
VIN(MAX) = Maximum input voltage
VOUT(MIN) = LDO minimum output voltage
T
JMAX
()
P
TOTAL
R
θ
JA
×
T
AMAX
()
+
=
Where:
TJ(MAX) = Maximum continuous junction
temperature
PTOTAL = Total device power dissipation
RθJA = Thermal resistance from
junction-to-ambient
TA(MAX) = Maximum ambient temperature
P
DMAX
()
T
JMAX
() TAMAX
()
–
()
R
θ
JA
---------------------------------------------------
=
Where:
PD(MAX) = Maximum device power dissipation
TJ(MAX) = Maximum continuous junction
temperature
TA(MAX) = Maximum ambient temperature
RθJA = Thermal resistance from
junction-to-ambient
T
JRISE
()
P
DMAX
()
R
θ
JA
×
=
Where:
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
PTOTAL = Maximum device power dissipation
RθJA = Thermal resistance from junction to
ambient
T
J
T
JRISE
()
T
A
+
=
Where:
TJ = Junction temperature
TJ(RISE) = Rise in device junction temperature
over the ambient temperature
TA = Ambient temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com