Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1501-25E/SN Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP1501-25E/SN
Description  High-Precision Buffered Voltage Reference
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1501-25E/SN Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP1501-25E/SN Datasheet HTML 17Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 18Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 19Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 20Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 21Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 22Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 23Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 24Page - Microchip Technology MCP1501-25E/SN Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2015-2016 Microchip Technology Inc.
DS20005474C-page 21
MCP1501
5.2
Typical Applications Circuits
5.2.1
NEGATIVE VOLTAGE REFERENCE
A negative voltage reference can be generated using
any of the devices in the MCP1501 family. A typical
application is shown in Figure 5-3. In this circuit, the
voltage inversion is implemented using the MCP6061
and two equal resistors. The voltage at the output of the
MCP1501 voltage reference drives R1, which is con-
nected to the inverting input of the MCP6061 amplifier.
Since the non-inverting input of the amplifier is biased
to ground, the inverting input will also be close to
ground potential. The second 10 kΩ
resistor is placed
around the feedback loop of the amplifier. Since the
inverting input of the amplifier is high-impedance, the
current generated through R1 will also flow through R2.
As a consequence, the output voltage of the amplifier
is equal to -2.5V for the MCP1501-25 and -4.096V for
the MCP1501-40.
FIGURE 5-3:
Negative Voltage Reference.
5.2.2
A/D CONVERTER REFERENCE
The MCP1501 product family was carefully designed to
provide a precision, low noise voltage reference for the
Microchip families of ADCs. The circuit shown in
Figure 5-4 shows a MCP1501-25 configured to provide
the reference to the MCP3201, a 12-bit ADC.
FIGURE 5-4:
ADC Example Circuit.
VDD
SHDN
GND
1
2
3
4
5
8
7
6
GND
OUT
GND
GND
2.2 µF
2.7 – 5.5V
1kΩ
-
+
10 kΩ
0.1%
10 kΩ
0.1%
-5V
-2.500V
MCP1501-25
MCP6061
2.2 µF
VDD
SHDN
GND
1
2
3
4
5
8
7
6
GND
OUT
GND
GND
2.2 µF
5.0V
2.2 µF
MCP1501-25
MCP3201
5.0V
10 µF
VREF
VIN
0.1 µF
IN+
IN-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com