Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1402T-E/OT Datasheet(PDF) 9 Page - Microchip Technology

Part # MCP1402T-E/OT
Description  Tiny 500 mA, High-Speed Power MOSFET Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1402T-E/OT Datasheet(HTML) 9 Page - Microchip Technology

Back Button MCP1402T-E/OT Datasheet HTML 5Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 6Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 7Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 8Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 9Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 10Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 11Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 12Page - Microchip Technology MCP1402T-E/OT Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
 2007-2014 Microchip Technology Inc.
DS20002052D-page 9
MCP1401/02
3.0
PIN DESCRIPTIONS
The description of the pins are listed in Table 3-1.
3.1
Supply Input (VDD)
VDD is the bias supply input for the MOSFET driver and
has a voltage range of 4.5V to 18V. This input must be
decoupled to ground with a local capacitor. This bypass
capacitor provides a localized low-impedance path for
the peak currents that are to be provided to the load.
3.2
Control Input (IN)
The MOSFET driver input is a high-impedance, TTL/
CMOS-compatible input. The input also has hysteresis
between the high and low input levels, allowing them to
be driven from slow rising and falling signals and to
provide noise immunity.
3.3
Ground (GND)
Ground is the Device Return pin. The Ground pin
should have a low-impedance connection to the bias
supply source return. High peak currents will flow out
the Ground pin when the capacitive load is being
discharged.
3.4
Output (OUT, OUT)
The output is a CMOS push-pull output that is capable
of sourcing and sinking 0.5A
of peak current
(VDD = 18V). The low output impedance ensures the
gate of the external MOSFET will stay in the intended
state even during large transients. This output also has
a reverse current latch-up rating of 0.5A.
TABLE 3-1:
PIN FUNCTION TABLE(1)
Pin No.
MCP1401
MCP1402
Description
1GND
GND
Ground
2VDD
VDD
Supply Input
3
IN
IN
Control Input
4GND
GND
Ground
5OUT
OUT
Output
Note 1:
Duplicate pins must be connected for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com