Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1406T-E/SN Datasheet(PDF) 2 Page - Microchip Technology

Part # MCP1406T-E/SN
Description  6A High-Speed Power MOSFET Drivers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1406T-E/SN Datasheet(HTML) 2 Page - Microchip Technology

  MCP1406T-E/SN Datasheet HTML 1Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 2Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 3Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 4Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 5Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 6Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 7Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 8Page - Microchip Technology MCP1406T-E/SN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
MCP1406/07
DS20002019C-page 2
 2006-2016 Microchip Technology Inc.
Package Types
1
2
3
45
6
7
8
VDD
VDD
OUT
OUT
GND
GND
INPUT
NC
8-Pin PDIP/SOIC
MCP1407
MCP1406
VDD
OUT
OUT
GND
VDD
GND
INPUT
NC
5-Pin TO-220
MCP1407
MCP1406
VDD
OUT
OUT
GND
Tab is common to VDD
Note 1: Duplicate pins must both be connected for proper operation.
2: Exposed pad of the DFN package is electrically isolated; see Table 3-1.
1
2
3
45
6
7
8
VDD
GND
INPUT
NC
1234 5
MCP1406
12345
MCP1407
1
2
3
4
8
7
6
5
EP
9
VDD
GND
INPUT
NC
VDD
OUT
OUT
GND
1
2
3
4
8
7
6
5
EP
9
8-Pin 6x5 DFN-S(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com