Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DS75494 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS75494
Description  Hex Digit Driver
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS75494 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS75494 Datasheet HTML 1Page - National Semiconductor (TI) DS75494 Datasheet HTML 2Page - National Semiconductor (TI) DS75494 Datasheet HTML 3Page - National Semiconductor (TI) DS75494 Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
10V
Input Voltage
10V
Output Voltage
10V
Storage Temperature Range
b
65 Cto a150 C
Maximum Power Dissipation at 25 C
Cavity Package
1433 mW
Molded Package
1362 mW
Lead Temperature (Soldering 4 seconds)
260 C
Derate molded package 109 mW C above 25 C
Operating Conditions
Min
Max
Units
Supply Voltage VCC
32
88
V
Temperature TA
DS75494
0
a
70
C
Electrical Characteristics (Notes 2 and 3)
Symbol
Parameter
Conditions
Min Typ Max Units
IIH
Logical ‘‘1’’ Input Current
VCC e Min VIN e 88V
VCE e 88V through 100k
20
mA
VCE e 88V
27
mA
IIL
Logical ‘‘0’’ Input Current
VCC e Max VIN eb55V
b
20
m
A
IOH
Logical ‘‘1’’ Output Current VCC e Max VOH e 88V VIN e 88V through 100k VCE e 0V
400
m
A
VIN e 88V VCE e 65V through 10k
400
m
A
VOL
Logical ‘‘0’’ Output Voltage VCC e Min IOL e 150 mA VIN e 65V through 10k
DS75494
025 035
V
VCE e 88V through 100k
ICC
Supply Currents
VCC e Max
One Driver ‘‘ON’’ VIN e 88V
DS75474
80
mA
All Other Pins to GND
VCE e 65V through 10k
100
m
A
VIN e 88V through 100k
100
m
A
All Other Pins to GND
40
m
A
tOFF
Output ‘‘OFF’’ Time
CL e 20 pF RL e 24X VCC e 40V See AC Test Circuits
004
12
m
s
tON
Output ‘‘ON’’ Time
CL e 20 pF RL e 24X VCC e 40V See AC Test Circuits
13
100
ns
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed They are not meant to imply that the devices
should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Unless otherwise specified minmax limits apply across the 0 Cto a70 C range for the DS75494
Note 3
All currents into device pins shown as positive out of device pins as negative all voltages referenced to ground unless otherwise noted All values shown
as max or min on absolute value basis
AC Test Circuit and Switching Time Waveforms
TLF5832 – 3
TLF5832 – 4
2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com