Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1253T-ADJE/MS Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1253T-ADJE/MS
Description  Low-Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253T-ADJE/MS Datasheet(HTML) 3 Page - Microchip Technology

  MCP1253T-ADJE/MS Datasheet HTML 1Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 2Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 3Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 4Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 5Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 6Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 7Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 8Page - Microchip Technology MCP1253T-ADJE/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
 2002-2014 Microchip Technology Inc.
DS20001752C-page 3
MCP1252/3
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Power Supply Voltage, VIN...............................................6.0V
Voltage on Any Pin w.r.t. GND ............... -0.3V to (VIN + 0.3V)
Output Short Circuit Duration ................................continuous
Storage Temperature Range .........................-65°C to +150°C
Ambient Temperature with Power Applied ....-55°C to +125°C
Junction Temperature ................................................. +150°C
ESD Ratings:
Human Body Model (1.5 k
 in Series with 100 pF)4kV
Machine Body Model (200 pF, No Series Resistance)
400V
†Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied.
Exposure to maximum rating conditions for extended periods
may affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are specified for TA = -40°C to +85°C ("I" Temperature), TA = -40°C
to +125°C ("E" Temperature), SHDN = VIN, CIN = COUT = 10 µF, CFLY = 1 µF, IOUT = 10 mA. Typical values are for TA = +25°C.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Selectable Output - MCP1252-33X50, MCP1253-33X50: SELECT = VIN, VOUT = 3.3V
Supply Voltage
VIN
2.1
—
5.5
V
Output Voltage Accuracy
VOUT
-2.5
±0.5
+2.5
%
2.3V
 V
IN < 2.5V, IOUT 80 mA
2.5V
V
IN 5.5V, IOUT120 mA
Output Current
IOUT
80
100
—
mA
2.3V
 V
IN < 2.5V
120
150
—
mA
2.5V
 V
IN  5.5V
SELECT Logic Input Voltage High
VIH
1.4
—
—
V
MCP1252-33X50, MCP1253-33X50
Selectable Output - MCP1252-33X50, MCP1253-33X50: SELECT = GND, VOUT = 5.0V
Supply Voltage
VIN
2.7
—
5.5
V
Output Voltage Accuracy
VOUT
-2.5
±0.5
+2.5
%
2.7V
V
IN < 3.0V, IOUT 40 mA
3.0V
V
IN5.5V, IOUT120 mA
Output Current
IOUT
40
80
—
mA
2.7V
 V
IN < 3.0V
120
150
—
3.0V
 V
IN  5.5V
SELECT Logic Input Voltage Low
VIL
—
—
0.4
V
MCP1252-33X50, MCP1253-33X50
Adjustable Output - MCP1252-ADJ, MCP1253-ADJ
Supply Voltage
VIN
2.0
—
5.5
V
Output Voltage Adjustment Range
VOUT
1.5
—
5.5
V
VOUT(MAX) < 2 x VIN
FB Regulation Voltage
VFB
1.18
1.21
1.24
V
MCP1252-ADJ, MCP1253-ADJ
ALL DEVICES
Supply Current
IDD
—
60
120
µA
No load
Output Short-Circuit Current
ISC
—
200
—
mA
VOUT = GND, foldback current
Shutdown Current
ISHDN
—
0.1
2.0
µA
SHDN = 0V
Power Efficiency
—81
—
%
VIN = 3.0V, VOUT = 5V
IOUT =120 mA
—68
—
VIN = 3.6V, VOUT = 5V
IOUT =120 mA
SHDN Logic Input Voltage Low
VIL
——
0.4
V
SHDN Logic Input Voltage High
VIH
1.4
—
—
V
PGOOD Output Voltage
PGOOD_VOL
—0.01
—
V
IPGOOD = 0.5 mA
PGOOD Threshold Voltage
VTH
—
0.93VOUT
—V
PGOOD Hysteresis
VHYS
—
0.04VOUT
—V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com