Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HCS500 Datasheet(PDF) 27 Page - Microchip Technology

Part # HCS500
Description  KEELOQ짰 Code Hopping Decoder
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS500 Datasheet(HTML) 27 Page - Microchip Technology

Back Button HCS500_15 Datasheet HTML 23Page - Microchip Technology HCS500_15 Datasheet HTML 24Page - Microchip Technology HCS500_15 Datasheet HTML 25Page - Microchip Technology HCS500_15 Datasheet HTML 26Page - Microchip Technology HCS500_15 Datasheet HTML 27Page - Microchip Technology HCS500_15 Datasheet HTML 28Page - Microchip Technology HCS500_15 Datasheet HTML 29Page - Microchip Technology HCS500_15 Datasheet HTML 30Page - Microchip Technology HCS500_15 Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 42 page
background image
 2001-2015 Microchip Technology Inc.
DS40000153E-page 27
HCS500
9.2
AC Electrical Characteristics
9.2.1
COMMAND MODE ACTIVATION
9.2.2
READ FROM USER EEPROM COMMAND
TABLE 9-3:
COMMAND MODE ACTIVATION SPECIFICATIONS
Section 9.1 “Standard Operating Conditions”
Symbol
Parameters
Min.
Typ.
Max.
Units
TREQ
Command request time
0.0150
—
500
ms
TRESP
Microcontroller request
acknowledge time
——
1
ms
TACK
Decoder acknowledge time
—
—
30
s
TSTART
Start Command mode to first
command bit
20
—
1000
s
TCLKH
Clock high time
20
—
1000
s
TCLKL
Clock low time
20
—
1000
s
FCLK
Clock frequency
500
—
25000
Hz
TDS
Data hold time
14
—
—
s
TCMD
Command validate time
—
—
10
s
TADDR
Address validate time
—
—
10
s
TDATA
Data validate time
—
—
10
s
*
These parameters are characterized but not tested.
TABLE 9-4:
READ FROM EEPROM COMMAND
Section 9.1 “Standard Operating Conditions”
Symbol
Parameters
Min.
Typ.
Max.
Units
TRD
Decoder EEPROM read time
400
—
1500
s
*
These parameters are characterized but not tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com