Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADM809MART-REEL Datasheet(PDF) 3 Page - Analog Devices

Part # ADM809MART-REEL
Description  Microprocessor Supervisory Circuits in 3-Lead SC70 and SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM809MART-REEL Datasheet(HTML) 3 Page - Analog Devices

  ADM809MART-REEL Datasheet HTML 1Page - Analog Devices ADM809MART-REEL Datasheet HTML 2Page - Analog Devices ADM809MART-REEL Datasheet HTML 3Page - Analog Devices ADM809MART-REEL Datasheet HTML 4Page - Analog Devices ADM809MART-REEL Datasheet HTML 5Page - Analog Devices ADM809MART-REEL Datasheet HTML 6Page - Analog Devices ADM809MART-REEL Datasheet HTML 7Page - Analog Devices ADM809MART-REEL Datasheet HTML 8Page - Analog Devices ADM809MART-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
REV. C
ADM803/ADM809/ADM810
–3–
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
*
(TA = 25
°C, unless otherwise noted.)
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3 V to +6 V
RESET,
RESET . . . . . . . . . . . . . . . . . . –0.3 V to V
CC + 0.5 V
Input Current
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Output Current
RESET,
RESET . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20 mA
Rate of Rise, VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . 100 V/
µs
JA Thermal Impedance, SC70
. . . . . . . . . . . . . . . . . 146
°C/W
JA Thermal Impedance, SOT-23
. . . . . . . . . . . . . . . 270
°C/W
Lead Temperature (Soldering, 10 sec) . . . . . . . . . . . . . 300
°C
Vapor Phase (60 sec) . . . . . . . . . . . . . . . . . . . . . . . . . 215
°C
Infrared (15 sec) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 220
°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum ratings
for extended periods of time may affect device reliability.
PIN CONFIGURATION
1
2
TOP VIEW
(Not to Scale)
ADM803/
ADM809/
ADM810
GND
3
RESET,
RESET
VCC
VCC
RESET
t1
t1
VREF
VREF
VREF
VREF
t1 = RESET TIME = 240ms TYP
VREF = RESET VOLTAGE THRESHOLD
Figure 2. Power Fail Reset Timing
Table I. Reset Threshold Options
RESET Model
Threshold (V)
ADM8_L
4.63
ADM8_M
4.38
ADM8_J
*
4.00
ADM8_T
3.08
ADM8_S
2.93
ADM8_R
2.63
ADM8_Z
2.32
*ADM809/ADM810 only.
PIN FUNCTION DESCRIPTIONS
Pin No.
Mnemonic
Function
1GND
0 V. Ground reference for all
signals.
2
RESET (ADM803/ Active Low Logic Output.
ADM809)
RESET remains low while V
CC
is below the reset threshold and
remains low for 240 ms (typ)
after VCC rises above the reset
threshold.
2
RESET (ADM810) Active High Logic Output.
RESET remains high while VCC
is below the reset threshold and
remains high for 240 ms (typ)
after VCC rises above the reset
threshold.
3VCC
Supply Voltage Being Moni-
tored.
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although the
ADM803/ADM809/ADM810 feature proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions
are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com