Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP111-240E/MB Datasheet(PDF) 24 Page - Microchip Technology

Part # MCP111-240E/MB
Description  Micropower Voltage Detector
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP111-240E/MB Datasheet(HTML) 24 Page - Microchip Technology

Back Button MCP111-240E/MB Datasheet HTML 20Page - Microchip Technology MCP111-240E/MB Datasheet HTML 21Page - Microchip Technology MCP111-240E/MB Datasheet HTML 22Page - Microchip Technology MCP111-240E/MB Datasheet HTML 23Page - Microchip Technology MCP111-240E/MB Datasheet HTML 24Page - Microchip Technology MCP111-240E/MB Datasheet HTML 25Page - Microchip Technology MCP111-240E/MB Datasheet HTML 26Page - Microchip Technology MCP111-240E/MB Datasheet HTML 27Page - Microchip Technology MCP111-240E/MB Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
MCP111/112
DS20001889F-page 24
 2004-2016 Microchip Technology Inc.
5.2
Product Tape and Reel Specifications
FIGURE 5-1:
Embossed Carrier Dimensions (8, 12, 16 and 24 mm tape only).
FIGURE 5-2:
3-Lead SOT-23/SC70 Device Tape and Reel Specifications.
CARRIER TAPE/CAVITY DIMENSIONS
Case
Outline
Package
Type
Carrier
Dimensions
Cavity
Dimensions
Output
Quantity
Units
Reel
Diameter in
mm
W
mm
P
mm
A0
mm
B0
mm
K0
mm
TT
SOT-23B
3L
8
4
3.15
2.77
1.22
3000
180
LB
SC-70
3L
8
4
2.4
2.4
1.19
3000
180
Top
Cover
Tape
K0
P
W
B0
A0
Standard Reel Component Orientation
Device
Marking
PIN 1
User Direction of Feed
W
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com