Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPRV2B2TA Datasheet(PDF) 2 Page - Finisar Corporation.

Part # CPRV2B2TA
Description  100G Integrated Coherent Receiver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

CPRV2B2TA Datasheet(HTML) 2 Page - Finisar Corporation.

  CPRV2B2TA Datasheet HTML 1Page - Finisar Corporation. CPRV2B2TA Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
100G Integrated Coherent Receiver
© 2015 Finisar Corporation. All rights reserved. Finisar is a registered trademark of Finisar Corporation. Features and specifications are subject to change without notice. 07/15
1389 Moffett Park Drive
Sunnyvale, CA 94089-1133
www.finisar.com
Phone: +1-408-548-1000
Sales:
+1-408-541-5690
Email:
sales@finisar.com
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Case Temperature
T
case
0
+75
°C
Wavelength Range
λ
C-band CPRV2222A
L-band CPRV2122A
1530
1570
1570
1612
nm
nm
Average Optical Input Power Signal
P
sig
DP-QPSK
-18
0
dBm
Supply Voltage
±5 %
3.3
V
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Baud Rate
DP-QPSK
32
Gbaud
3 dB cut-off Frequency
f
3dB
assuming full VGA range
25
GHz
Average Photodiode Responsivity
R
avg
CW single input
65
mA/W
Common Mode Rejection Ratio 2)
CMRR
sig
DC
-25
dB
e
Imbalance 3)
I
Sig
I
LO
DC
DC
2
2
dB
0
dB
0
Phase Deviation
Δφ
-7.5
+7.5
deg
Optical Return Loss
ORL
1550 nm
27
dB
0
Power Consumption
P
con
1000
1600
mW
Polarization Extinction Ratio for Sig & LO PER
20
dB
0
Block Diagram and Mechanical Dimensions
Operating Conditions
Optical and Electrical Specifications1)
Visit Our Website
Notes:
1) λ = 1550 nm, 23°C
2) CMRR = 20 log(ΔIPD/ΣIPD)
3) 10*log(Rmax/Rmin)
25
41



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com