Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP121-195E/TT Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP121-195E/TT
Description  Micropower Voltage Supervisors
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP121-195E/TT Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP121-195E/TT Datasheet HTML 3Page - Microchip Technology MCP121-195E/TT Datasheet HTML 4Page - Microchip Technology MCP121-195E/TT Datasheet HTML 5Page - Microchip Technology MCP121-195E/TT Datasheet HTML 6Page - Microchip Technology MCP121-195E/TT Datasheet HTML 7Page - Microchip Technology MCP121-195E/TT Datasheet HTML 8Page - Microchip Technology MCP121-195E/TT Datasheet HTML 9Page - Microchip Technology MCP121-195E/TT Datasheet HTML 10Page - Microchip Technology MCP121-195E/TT Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2004-2014 Microchip Technology Inc.
DS20001906D-page 7
MCP102/103/121/131
Note: Unless otherwise indicated, all limits are specified for: VDD = 1V to 5.5V, RPU =100 k (MCP121 only;
see Figure 4-1), TA = -40°C to +125°C.
FIGURE 2-7:
IDD vs. VDD
(Reset Power-up Timer Inactive) (MCP102-195).
FIGURE 2-8:
IDD vs. VDD
(Reset Power-up Timer Inactive) (MCP131-315).
FIGURE 2-9:
IDD vs. VDD
(Reset Power-up Timer Inactive) (MCP121-450).
FIGURE 2-10:
IDD vs.VDD
(Reset Power-up Timer Active) (MCP102-195).
FIGURE 2-11:
IDD vs.VDD
(Reset Power-up Timer Active) (MCP131-315).
FIGURE 2-12:
IDD vs.VDD
(Reset Power-up Timer Active) (MCP121-450).
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
-40°C
+25°C
+85°C
+125°C
MCP102-195
0°C
+70°C
-5
0
5
10
15
20
25
30
35
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP131-315
-40°C
+85°C
+125°C
0°C
+70°C
+25°C
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP121-450
-40°C
+25°C
+85°C
+125°C
0°C
+70°C
0
2
4
6
8
10
12
14
16
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
0°C
-40°C
MCP102-195
Device in Reset
t
RPU inactive
+125°C
+85°C
+70°C
+25°C
0
10
20
30
40
50
60
70
80
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP131-315
-40°C
+25°C
+85°C
+125°C
+70°C
Device in Reset
t
RPU inactive
0°C
-2
0
2
4
6
8
10
12
14
16
1.0
2.0
3.0
4.0
5.0
6.0
V
DD (V)
MCP121-450
-40°C
+25°C
+85°C
+125°C
0°C
+70°C
Device in Reset
t
RPU inactive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com