Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM63 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM63
Description  짹1C/짹3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM63 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM63 Datasheet HTML 1Page - National Semiconductor (TI) LM63 Datasheet HTML 2Page - National Semiconductor (TI) LM63 Datasheet HTML 3Page - National Semiconductor (TI) LM63 Datasheet HTML 4Page - National Semiconductor (TI) LM63 Datasheet HTML 5Page - National Semiconductor (TI) LM63 Datasheet HTML 6Page - National Semiconductor (TI) LM63 Datasheet HTML 7Page - National Semiconductor (TI) LM63 Datasheet HTML 8Page - National Semiconductor (TI) LM63 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AC Electrical Characteristics
The following specifications apply for V
DD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS =50
Ω unless other-
wise specified in the conditions. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA= +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
TACHOMETER ACCURACY
Fan Control Accuracy
±10
% (max)
Fan Full-Scale Count
65535
(max)
Fan Counter Clock Frequency
90
kHz
Fan Count Update Frequency
1.0
Hz
FAN PWM OUTPUT
Frequency Accuracy
±10
% (max)
Digital Electrical Characteristics
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
V
IH
Logical High Input Voltage
2.1
V (min)
V
IL
Logical Low Input Voltage
0.8
V (max)
I
IH
Logical High Input Current
V
IN =VDD
0.005
+10
µA (max)
I
IL
Logical Low Input Current
V
IN = GND
−0.005
−10
µA (max)
C
IN
Digital Input Capacitance
20
pF
SMBus Logical Electrical Characteristics
The following specifications apply for V
DD = 3.0 VDC to 3.6 VDC, and all analog source impedance RS =50
Ω unless other-
wise specified in the conditions. Boldface limits apply for T
A =TMIN to TMAX; all other limits TA = +25˚C.
Symbol
Parameter
Conditions
Typical
(Note 7)
Limits
(Note 8)
Units
(Limit)
SMBDAT OPEN-DRAIN OUTPUT
V
OL
Logic Low Level Output Voltage
I
OL =4 mA
0.4
V (max)
I
OH
High Level Output Current
V
OUT =VDD
0.03
10
µA (max)
SMBDAT, SMBCLK INPUTS
V
IH
Logical High Input Voltage
2.1
V (min)
V
IL
Logical Low Input Voltage
0.8
V (max)
V
HYST
Logic Input Hysteresis Voltage
320
mV
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com