Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ES2F Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # ES2F
Description  SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

ES2F Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  ES2F Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES2F Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 of 2
ES2F
VOLTAGE RANGE: 300V
CURRENT: 2.0 A
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
For surface mount applications
Low profile package
Easy pick and place
Glass passivated chip junction
Superfast recovery times for high efficiency
Low power loss, high efficiency
High temperature soldering:
250°C/10 seconds at terminals
Maximum repetitive peak reverse voltage
VRRM
Working peak reverse voltage
VRWM
Maximum RMS voltage
VRMS
Maximum DC blocking voltage
VDC
Maximum average forward rectified current
at TL=110°C
I(AV)
2.0
Amps
Peak forward surge current
8.3ms single half sine-wave superimposed on
IFSM
50
Amps
rated load (JEDEC Method) at TL=110°C
Maximum instantaneous forward voltage at 2.0A
VF
1.10
Volts
Maximum DC reverse current
TA=25°C
10
at working peak reverse voltage
TA=100°C
IR
200
µA
Maximum reverse recovery time (NOTE 1)
trr
35
ns
Maximum reverse recovery time (NOTE 2)
trr
50
ns
Maximum reverse recovery current (NOTE 2)
IRM
3.0
Amps
Maximum stored charge (NOTE 2)
Qrr
50
nC
Typical junction capacitance (NOTE 3)
CJ
15
pF
Typical thermal resistance (NOTE 4)
R
ΘJA
75
R
ΘJL
25
°C/W
Operating junction and storage temperature range
TJ, TSTG
-55 to +150
°C
NOTES:
(1) Reverse recovery test conditions: IF=0.5A, IR= I.0A, lrr=0.25A
(2) Measured at IF=1.0A, di/dt=100A/
µs, VR=30V, Irr=0.1IRM
(3) Measured at 1.0 MHZ and applied reverse voltage of 4.0 Volts
(4) Units mounted on P.C.B. 5.0 x 5.0mm (0.013mm thick) land areas
Features
! Case: SMB/DO-214AA, Molded Plastic
! Terminals: Solder Plated, Solderable
per MIL-STD-750, Method 2026
! Polarity: Cathode Band or Cathode Notch
! Marking: Type Number
! Weight: 0.093 grams (approx.)
Mechanical Data
!
!
!
!
!
!
!
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
Characteristic
ES2F
300
Volts
225
Volts
210
Volts
300
Volts
Symbol
Unit
SMB(DO-214AA)
Dim
Min
Max
A
B
C
1.91
2.21
D
0.15
0.31
E
5.00
5.59
G
0.10
0.20
H
0.76
1.52
J
2.00
2.62
All Dimensions in mm
A
B
C
D
G
H
E
J
3.30
3.94
4.06
4.70
A
B
C
D
G
H
E
J
www.sunmate.tw


Similar Part No. - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
logo
List of Unclassifed Man...
ES2F ETC1-ES2F Datasheet
51Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
Taiwan Semiconductor Co...
ES2F TSC-ES2F Datasheet
247Kb / 2P
2.0 AMPS. Surface Mount Super Fast Rectifiers
ES2F TSC-ES2F Datasheet
56Kb / 2P
2.0 AMPS. Super Fast Surface Mount Rectifiers
logo
TAITRON Components Inco...
ES2F TAITRON-ES2F Datasheet
229Kb / 4P
1.0A SURFACE MOUNT SUPER-FAST RECTIFIER
More results

Similar Description - ES2F

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
ES2A GE-ES2A Datasheet
100Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
ES2F GE-ES2F Datasheet
81Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER
ES3F GE-ES3F Datasheet
74Kb / 2P
SURFACE MOUNT ULTRAFAST EFFICIENT PLASTIC RECTIFIER
logo
Diotec Semiconductor
ES1A DIOTEC-ES1A Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_13 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES1A DIOTEC-ES1A_14 Datasheet
108Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2A DIOTEC-ES2A_13 Datasheet
102Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
MURS320 DIOTEC-MURS320 Datasheet
125Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
ES2ASMA DIOTEC-ES2ASMA Datasheet
105Kb / 2P
Superfast Efficient Surface Mount Rectifier Diodes
logo
SUNMATE electronic Co.,...
ES3F SUNMATE-ES3F Datasheet
334Kb / 2P
SURFACE MOUNT FAST EFFICIENT PLASTIC RECTIFIER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com