Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TNETX3150AGGP Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETX3150AGGP
Description  ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  113 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX3150AGGP Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETX3150AGGP Datasheet HTML 28Page - Texas Instruments TNETX3150AGGP Datasheet HTML 29Page - Texas Instruments TNETX3150AGGP Datasheet HTML 30Page - Texas Instruments TNETX3150AGGP Datasheet HTML 31Page - Texas Instruments TNETX3150AGGP Datasheet HTML 32Page - Texas Instruments TNETX3150AGGP Datasheet HTML 33Page - Texas Instruments TNETX3150AGGP Datasheet HTML 34Page - Texas Instruments TNETX3150AGGP Datasheet HTML 35Page - Texas Instruments TNETX3150AGGP Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 113 page
background image
TNETX3150/TNETX3150A
ThunderSWITCH™ 15-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS027F – FEBRUARY 1997 – REVISED SEPTEMBER 1997
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DRAM and EAM interfaces
All valid frames are passed across the DRAM interface (see Figure 14). The EAM hardware can detect the start
of a new frame from the flag byte information. The first-flag nibble on the DRAM bus (bits 35–32) corresponds
to bits 7–4 of the frame flag (see Figure 12). In conjunction with the DRAM column address strobe, external logic
can access the frame addresses and perform external address lookup, as detailed in the following:
D Use row-address strobe (DRAS) and column-address strobe (DCAS) to identify the position of the forward
pointer, the top nibble of the flag byte, and whether the nibble contains the start of frame code 01XX.
Bit 35 of the forward pointer should be zero to denote a start of frame. If it is high, the frame is an IOB link
buffer and not the start-of-data frame (bits 34, 33, and 32 contain parity information for the three forward
point or data bytes).
D Bits 31–28 of the forward pointer contain the pre-tag nibble applied to the uplink (when used in uplink mode).
See description of Port 00 uplink port.
D Bits 27–24 denote the active port number (port 00 = 0000, port 01 = 0001, etc.).
D Use the DRAM column-address strobe (DCAS) to identify the presence of destination and source address
data on the DRAM interface.
D Perform address processing.
D Present the destination-channel bit map not more than 12 memory cycles after the high nibble of the start
flag is transmitted on the DRAM interface.
D External address timing is shown in Figure 41.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com