Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP3403V/NOPB Datasheet(PDF) 14 Page - Texas Instruments

Part # TP3403V/NOPB
Description  DASL Digital Adapter for Subscriber Loops
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3403V/NOPB Datasheet(HTML) 14 Page - Texas Instruments

Back Button TP3403V/NOPB Datasheet HTML 9Page - Texas Instruments TP3403V/NOPB Datasheet HTML 10Page - Texas Instruments TP3403V/NOPB Datasheet HTML 11Page - Texas Instruments TP3403V/NOPB Datasheet HTML 12Page - Texas Instruments TP3403V/NOPB Datasheet HTML 13Page - Texas Instruments TP3403V/NOPB Datasheet HTML 14Page - Texas Instruments TP3403V/NOPB Datasheet HTML 15Page - Texas Instruments TP3403V/NOPB Datasheet HTML 16Page - Texas Instruments TP3403V/NOPB Datasheet HTML 17Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Definitions and Timing Conventions
DEFINITIONS
VIH
VIH is the dc input level above which
an input level is guaranteed to appear
as a logical one This parameter is to
be measured by performing a function-
al test at reduced clock speeds and
nominal timing (ie not minimum setup
and hold times or output strobes) with
the high level of all driving signals set
to VIH and maximum supply voltages
applied to the device
VIL
VIL is the dc input level below which
an input level is guaranteed to appear
as a logical zero to the device This pa-
rameter is measured in the same man-
ner as VIH but with all driving signal low
levels set to VIL and minimum supply
voltages applied to the device
VOH
VOH is the minimum dc output level to
which an output placed in a logical one
state will converge when loaded at the
maximum specified load current
VOL
VOL is the maximum dc output level to
which an output placed in a logical zero
state will converge when loaded at the
maximum specified load current
Threshold Region
The threshold region is the range of in-
put voltages between VIL and VIH
Valid Signal
A signal is Valid if it is in one of the
valid logic states (ie above VIH or be-
low VIL) In timing specifications a sig-
nal is deemed valid at the instant it en-
ters a valid state
Invalid Signal
A signal is Invalid if it is not in a valid
logic state ie when it is in the thresh-
old region between VIL and VIH In tim-
ing specifications a signal is deemed
invalid at the instant it enters the
threshold region
TIMING CONVENTIONS
For the purpose of this timing specification the following
conventions apply
Input Signals
All input signals may be characterized
as VL e 04V VIH e 24V tR k 10 ns
tF k 10 ns
Period
The period of clock signal is designat-
ed at tPxx where xx represents the
mnemonic of the clock signal being
specified
Rise Time
Rise times are designated at tRyy
where yy represents a mnemonic of
the signal whose rise time is being
specified tRyy is measured from VIL to
VIH
Fall Time
Fall times are designated as tFyy
where yy represents a mnemonic of
the signal whose fall time is being
specified tFyy is measured from VIH to
VIL
Pulse Width High
The high width is designated as tWzzH
where zz represents the mnemonic of
the input or output signal whose pulse
width is being specified High pulse
widths are measured from VIH to VIH
Pulse Width Low
The low pulse width is designed as
tWzzL where zz represents the mne-
monic of the input or output signal
whose pulse width is being specified
Low pulse widths are measured from
VIL to VIL
Setup Time
Setup times are designated as tSwwxx
where ww represents the mnemonic of
the input signal whose setup time is be-
ing specified relative to a clock or
strobe input represented by mnemonic
xx Setup times are measured from the
ww Valid to xx Invalid
Hold Time
Hold times are designated as tHxxww
where ww represents the mnemonic of
the input signal whose hold time is be-
ing specified relative to a clock or
strobe input represented by mnemonic
xx Hold times are measured from xx
Valid to ww invalid
Delay Time
Delay times are designated as tDxxyy
lHlL where xx represents the mne-
monic of the input reference signal and
yy represents the mnemonic of the out-
put signal whose timing is being speci-
fied relative to xx The mnemonic may
optionally be terminated by an H or L to
specifiy the high going or low going
transition of the output signal Maxi-
mum delay times are measured from xx
Valid to yy Valid Minimum delay times
are measured from xx Valid to yy inval-
id This parameter is tested under the
load conditions specified in the Condi-
tions column of the Timing Specifica-
tion section of this data sheet
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com