Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TP3404V/63SN Datasheet(PDF) 9 Page - Texas Instruments

Part # TP3404V/63SN
Description  TP3404 Quad Digital Adapter for Subscriber Loops (QDASL)
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TP3404V/63SN Datasheet(HTML) 9 Page - Texas Instruments

Back Button TP3404V/63SN Datasheet HTML 5Page - Texas Instruments TP3404V/63SN Datasheet HTML 6Page - Texas Instruments TP3404V/63SN Datasheet HTML 7Page - Texas Instruments TP3404V/63SN Datasheet HTML 8Page - Texas Instruments TP3404V/63SN Datasheet HTML 9Page - Texas Instruments TP3404V/63SN Datasheet HTML 10Page - Texas Instruments TP3404V/63SN Datasheet HTML 11Page - Texas Instruments TP3404V/63SN Datasheet HTML 12Page - Texas Instruments TP3404V/63SN Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
NRND
TP3404
www.ti.com
SNOS703 – DECEMBER 2004
Table 2. Per Line Control Register Address Map
Byte 1
Function
MSB Nibble (2)
LSB Nibble
Byte 2 (1)
7
6
5
4
3
2
1
0
Write TSXD Register
N
0
0
0
0
See Table 5
Read TSXD Register
N
0
0
0
1
See Table 5
Write TSXB1 Register
N
0
0
1
0
See Table 4
Read TSXB1 Register
N
0
0
1
1
See Table 4
Write TSXB2 Register
N
0
1
0
0
See Table 4
Read TSXB2 Register
N
0
1
0
1
See Table 4
Write TSRD Register
N
0
1
1
0
See Table 5
Read TSRD Register
N
0
1
1
1
See Table 5
Write TSRB1 Register
N
1
0
0
0
See Table 4
Read TSRB1 Register
N
1
0
0
1
See Table 4
Write TSRB2 Register
N
1
0
1
0
See Table 4
Read TSRB2 Register
N
1
0
1
1
See Table 4
Write Line Control Register (CTR L)
N
1
1
1
0
See Table 3
Read Line Control Register (CTRL)
N
1
1
1
1
See Table 3
(1)
Bit 7 of bytes 1 and 2 is always the first bit clocked into or out from the CI and CO pins.
(2)
N = 0, 1, 2, or 3 in straight Binary notation for Line 0, 1, 2, or 3 respectively.
LINE CONTROL REGISTERS CTRLN
Each of the 4 transceivers has a Line Control Register, CTRL0–CTRL3, which provides for control of loop
activation, Ioopbacks, Interrupt enabling and D channel interface enabling. Table 3 lists the functions.
POWER ON INITIALIZATION
Following the initial application of power, the QDASL enters the power-down (de-activated) state, in which all the
internal circuits are inactive and in a low power state except for a Line-Signal Detect Circuit for each of the 4
lines, and the necessary bias circuits. The 4 line outputs, Lo0–Lo3, are in a high impedance state and all digital
outputs are inactive. All bits in the Line Control Registers power-up initially set to “0”. While powered-down, each
Line-Signal Detect Circuit continually monitors its line, to detect if the far-end initiates loop transmission.
POWER-UP/DOWN CONTROL
To power-up the device and initiate activation, bit C7 in any of the 4 Line Control Registers must be set high, see
Table 3. Setting C7 low de-activates the loop, or puts the channel in power-down state. During power-down
state, internal register data is retained, and still can be accessed.
LOOPBACKS
Four different loopbacks can be set for each line. They are enabled and disabled by setting the corresponding
bits in the Control Register, see Table 3. In addition, a line must be activated to see the effect of loopback
commands.
1. 2B+D Line Loopback
–
When bit 5 is set to 1, this loop will transfer all three channels, B1, B2 and D, that are received at the Li
pin back to the Lo pin. Data out on BO/DO is still the same as received at the Li input.
2. B1 Line Loopback
–
When bit 4 is set high, the loop path is the same as (1) but only data on the B1 channel is looped back to
the line. Transmit data in the B2 and D channels is from the Bi/DI pins.
3. B2 Line Loopback
–
As (2) but for the B2 channel.
4. 2B+D Digital Loopback
Copyright © 2004, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: TP3404



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com