Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMBTA06 Datasheet(PDF) 4 Page - Formosa MS

Part # FMBTA06
Description  Drive NPN Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS

FMBTA06 Datasheet(HTML) 4 Page - Formosa MS

  FMBTA06 Datasheet HTML 1Page - Formosa MS FMBTA06 Datasheet HTML 2Page - Formosa MS FMBTA06 Datasheet HTML 3Page - Formosa MS FMBTA06 Datasheet HTML 4Page - Formosa MS FMBTA06 Datasheet HTML 5Page - Formosa MS FMBTA06 Datasheet HTML 6Page - Formosa MS FMBTA06 Datasheet HTML 7Page - Formosa MS FMBTA06 Datasheet HTML 8Page - Formosa MS FMBTA06 Datasheet HTML 9Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Formosa MS
Page 4
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
FMBTA05 / FMBTA06
Document ID
Issued Date
Revised Date
Revision
Page.
Drive NPN Transistor
DS-231111
2008/02/10
2011/07/21
C
9
FIG2. Current-Gain
Bandwidth
Product
100
200
2.0
IC, COLLECTOR CURRENT (mA)
300
200
100
70
50
30
VCE = 2.0 V
TJ = 25 C
3.0
5.0 7.0 10
20
30
50
70
FIG1. Switching
Time Test
Circuits
OUTPUT
TURN-ONTIME
-1.0 V
VCC
+40 V
RL
* CS 6.0 pF
RB
100
100
Vin
5.0 F
tr = 3.0 n s
0
+10 V
5.0
OUTPUT
TURN-OFF TIME
+VBB
VCC
+40 V
RL
* CS
6.0 pF
RB
100
100
Vin
5.0 uF
tr = 3.0 ns
5.0 s
*Total Shunt Capacitance of Test Jig and Connectors
For PNP Test Circuits, Reverse All Voltage Polarities
u s
-
-
u
u



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com