Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMH6503 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMH6503
Description  Wideband, Low Power, Linear Variable Gain Amplifier
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6503 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMH6503 Datasheet HTML 1Page - National Semiconductor (TI) LMH6503 Datasheet HTML 2Page - National Semiconductor (TI) LMH6503 Datasheet HTML 3Page - National Semiconductor (TI) LMH6503 Datasheet HTML 4Page - National Semiconductor (TI) LMH6503 Datasheet HTML 5Page - National Semiconductor (TI) LMH6503 Datasheet HTML 6Page - National Semiconductor (TI) LMH6503 Datasheet HTML 7Page - National Semiconductor (TI) LMH6503 Datasheet HTML 8Page - National Semiconductor (TI) LMH6503 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
LMH6503
Wideband, Low Power, Linear Variable Gain Amplifier
General Description
The LMH™6503 is a wideband DC coupled differential input
voltage controlled gain stage followed by a high-speed cur-
rent feedback Op Amp which can directly drive a low imped-
ance load. Gain adjustment range is more than 70dB for up
to 10MHz.
Maximum gain is set by external components and the gain
can be reduced all the way to cut-off. Power consumption is
370mW with a speed of 135MHz . Output referred DC offset
voltage is less than 350mV over the entire gain control
voltage range. Device-to-device Gain matching is within
0.7dB at maximum gain. Furthermore, gain at any V
G is
tested and the tolerance is guaranteed. The output current
feedback Op Amp allows high frequency large signals (Slew
Rate = 1800V/µs) and can also drive heavy load current
(75mA). Differential inputs allow common mode rejection in
low level amplification or in applications where signals are
carried over relatively long wires. For single ended opera-
tion, the unused input can easily be tied to ground (or to a
virtual half-supply in single supply application). Inverting or
non-inverting gains could be obtained by choosing one input
polarity or the other.
To further increase versatility when used in a single supply
application, gain control range is set to be from −1V to +1V
relative to pin 11 potential (ground pin). In single supply
operation, this ground pin is tied to a "virtual" half supply.
Gain control pin has high input impedance to simplify its
drive requirement. Gain control is linear in V/V throughout
the gain adjustment range. Maximum gain can be set to be
anywhere between 1V/V to 100V/V or higher. For linear in dB
gain control applications, see LMH6502 datasheet.
The LMH6503 is available in the SOIC-14 and TSSOP-14
package.
Features
V
S = ±5V, TA = 25˚C, RF =1k
Ω,R
G = 174
Ω,R
L = 100
Ω,A
V
=A
V(MAX) = 10, Typical values unless specified.
n
-3dB BW
135MHz
n
Gain control BW
100MHz
n
Adjustment range (typical over temp)
70dB
n
Gain matching (limit)
±0.7dB
n
Slew rate
1800V/µs
n
Supply current (no load)
37mA
n
Linear output current
±75mA
n
Output voltage (R
L = 100
Ω)
±3.2V
n
Input voltage noise
6.6nV/
n
Input current noise
2.4pA/
n
THD (20MHz, R
L = 100
Ω,V
O =2VPP)
−57dBc
n
Replacement for CLC522
Applications
n
Variable attenuator
n
AGC
n
Voltage controller filter
n
Multiplier
20073913
Gain vs. V
G for Various Temperature
Typical Application
20073933
A
VMAX = 10V/V
LMH™ is a trademark of National Semiconductor Corporation.
June 2004
© 2004 National Semiconductor Corporation
DS200739
www.national.com


Similar Part No. - LMH6503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MA TI-LMH6503MA Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
More results

Similar Description - LMH6503

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMH6502 NSC-LMH6502 Datasheet
941Kb / 19P
Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6504 NSC-LMH6504 Datasheet
759Kb / 19P
Wideband, Low Power, Variable Gain Amplifier
LMH6505 NSC-LMH6505 Datasheet
1Mb / 20P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
logo
Intersil Corporation
LMH6505 INTERSIL-LMH6505 Datasheet
715Kb / 18P
Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
December 14, 2007
logo
Texas Instruments
LMH6503MAX TI-LMH6503MAX Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6503MT TI-LMH6503MT Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6504 TI1-LMH6504_14 Datasheet
1Mb / 29P
Wideband, Low Power, Variable Gain Amplifier
LMH6502 TI-LMH6502_15 Datasheet
1Mb / 29P
LMH6502 Wideband, Low Power, Linear-in-dB Variable Gain Amplifier
LMH6503 TI1-LMH6503 Datasheet
1Mb / 33P
LMH6503 Wideband, Low Power, Linear Variable Gain Amplifier
LMH6505 TI1-LMH6505 Datasheet
1Mb / 30P
LMH6505 Wideband, Low Power, Linear-in-dB, Variable Gain Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com