Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPA0102PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPA0102PWPR
Description  1.5-W STEREO AUDIO POWER AMPLIFIER
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPA0102PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPA0102PWPR Datasheet HTML 9Page - Texas Instruments TPA0102PWPR Datasheet HTML 10Page - Texas Instruments TPA0102PWPR Datasheet HTML 11Page - Texas Instruments TPA0102PWPR Datasheet HTML 12Page - Texas Instruments TPA0102PWPR Datasheet HTML 13Page - Texas Instruments TPA0102PWPR Datasheet HTML 14Page - Texas Instruments TPA0102PWPR Datasheet HTML 15Page - Texas Instruments TPA0102PWPR Datasheet HTML 16Page - Texas Instruments TPA0102PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 45 page
background image
TPA0102
1.5-W STEREO AUDIO POWER AMPLIFIER
SLOS166E – MARCH 1997 – REVISED MARCH 2000
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 25
0.1
0.01
0.001
0.01
1
10
0.1
1
f = 20 kHz
f = 1 kHz
f = 20 Hz
PO – Output Power – W
VDD = 5 V
RL = 32 Ω
SE
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
Figure 26
0.1
0.01
20
100
1 k
1
10
10 k 20 k
AV = –10 V/V
AV = –5 V/V
AV = –1 V/V
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 3.3 V
PO = 0.2 W
RL = 4 Ω
SE
Figure 27
0.1
0.01
20
100
1 k
1
10
10 k 20 k
PO = 0.05 W
PO = 0.1 W
PO = 0.2 W
f – Frequency – Hz
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
FREQUENCY
VDD = 3.3 V
RL = 4 Ω
SE
Figure 28
f = 100 Hz
f = 1 kHz
f = 20 kHz
VDD = 3.3 V
RL = 4 Ω
AV = –2 V/V
SE
0.1
0.01
0.001
0.01
1
10
1
0.1
PO – Output Power – W
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com