Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A1122LLHLT-T2 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A1122LLHLT-T2
Description  Chopper-Stabilized Precision Hall-Effect Switches
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A1122LLHLT-T2 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A1122LLHLT-T2 Datasheet HTML 9Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 10Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 11Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 12Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 13Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 14Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 15Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 16Page - Allegro MicroSystems A1122LLHLT-T2 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Chopper-Stabilized Precision Hall-Effect Switches
A1120, A1121, A1122,
A1123, and A1125
13
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Amp
Regulator
Clock/Logic
Hall Element
Low-Pass
Filter
Chopper Stabilization Technique
When using Hall effect technology, a limiting factor for
switchpoint accuracy is the small signal voltage developed across
the Hall element. This voltage is disproportionally small relative
to the offset that can be produced at the output of the Hall ele-
ment. This makes it difficult to process the signal while main-
taining an accurate, reliable output over the specified operating
temperature and voltage ranges.
Chopperstabilizationisauniqueapproachusedtominimize
Halloffsetonthechip.ThepatentedAllegrotechnique,namely
DynamicQuadratureOffsetCancellation,removeskeysources
of the output drift induced by thermal and mechanical stresses.
Thisoffsetreductiontechniqueisbasedonasignalmodulation-
demodulation process. The undesired offset signal is separated
fromthemagneticfield-inducedsignalinthefrequencydomain,
throughmodulation.Thesubsequentdemodulationactsasa
modulation process for the offset, causing the magnetic field
induced signal to recover its original spectrum at baseband, while
thedcoffsetbecomesahigh-frequencysignal.Themagnetic
sourced signal then can pass through a low-pass filter, while the
modulated DC offset is suppressed. This configuration is illus-
trated in figure 2.
Thechopperstabilizationtechniqueusesa400kHzhighfre-
quencyclock.Fordemodulationprocess,asampleandhold
techniqueisused,wherethesamplingisperformedattwicethe
chopperfrequency(800kHz).Thishigh-frequencyoperation
allows a greater sampling rate, which results in higher accuracy
and faster signal-processing capability. This approach desensi-
tizes the chip to the effects of thermal and mechanical stresses,
andproducesdevicesthathaveextremelystablequiescentHall
output voltages and precise recoverability after temperature
cycling.Thistechniqueismadepossiblethroughtheuseofa
BiCMOS process, which allows the use of low-offset, low-noise
amplifiers in combination with high-density logic integration and
sample-and-hold circuits.
The repeatability of magnetic field-induced switching is affected
slightlybyachoppertechnique.However,theAllegrohigh
frequencychoppingapproachminimizestheaffectofjitterand
makes it imperceptible in most applications. Applications that are
morelikelytobesensitivetosuchdegradationarethoserequiring
precise sensing of alternating magnetic fields; for example, speed
sensing of ring-magnet targets. For such applications, Allegro
recommends its digital device families with lower sensitivity
tojitter.Formoreinformationonthosedevices,contactyour
Allegro sales representative.
Figure 2. Model of chopper stabilization technique



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com