Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP3855ESX-3.3 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3855ESX-3.3
Description  1.5A Fast Response Ultra Low Dropout Linear Regulators
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3855ESX-3.3 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LP3855ESX-3.3 Datasheet HTML 1Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 2Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 3Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 4Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 5Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 6Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 7Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 8Page - National Semiconductor (TI) LP3855ESX-3.3 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Ordering Information (Continued)
TABLE 1. Package Marking and Ordering Information (Continued)
Output
Voltage
Order Number
Description
(Current, Option)
Package
Type
Package Marking
Supplied As:
3.3
LP3855EMPX-3.3
1.5A, SENSE
SOT223-5
LJ1B
2000 Units on
Tape and Ree
3.3
LP3855ES-3.3
1.5A, SENSE
TO263-5
LP3855ES-3.3
Rail
3.3
LP3855ESX-3.3
1.5A, SENSE
TO263-5
LP3855ES-3.3
Tape and Reel
2.5
LP3855EMP-2.5
1.5A, SENSE
SOT223-5
LHZB
1000 Units on
Tape and Reel
2.5
LP3855EMPX-2.5
1.5A, SENSE
SOT223-5
LHZB
2000 Units on
Tape and Ree
2.5
LP3855ES-2.5
1.5A, SENSE
TO263-5
LP3855ES-2.5
Rail
2.5
LP3855ESX-2.5
1.5A, SENSE
TO263-5
LP3855ES-2.5
Tape and Reel
1.8
LP3855EMP-1.8
1.5A, SENSE
SOT223-5
LHYB
1000 Units on
Tape and Reel
1.8
LP3855EMPX-1.8
1.5A, SENSE
SOT223-5
LHYB
1.8
LP3855ES-1.8
1.5A, SENSE
TO263-5
LP3855ES-1.8
Rail
1.8
LP3855ESX-1.8
1.5A, SENSE
TO263-5
LP3855ES-1.8
Tape and Reel
5.0
LP3852ET-5.0
1.5A, Error Flag
TO220-5
LP3852ET-5.0
Rail
3.3
LP3852ET-3.3
1.5A, Error Flag
TO220-5
LP3852ET-3.3
Rail
2.5
LP3852ET-2.5
1.5A, Error Flag
TO220-5
LP3852ET-2.5
Rail
1.8
LP3852ET-1.8
1.5A, Error Flag
TO220-5
LP3852ET-1.8
Rail
5.0
LP3855ET-5.0
1.5A, SENSE
TO220-5
LP3855ET-5.0
Rail
3.3
LP3855ET-3.3
1.5A, SENSE
TO220-5
LP3855ET-3.3
Rail
2.5
LP3855ET-2.5
1.5A, SENSE
TO220-5
LP3855ET-2.5
Rail
1.8
LP3855ET-1.8
1.5A, SENSE
TO220-5
LP3855ET-1.8
Rail
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com