Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBP310 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # KBP310
Description  SINGLE-PHASE SILICON BRIDGE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

KBP310 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  KBP310 Datasheet HTML 1Page - SUNMATE electronic Co., LTD KBP310 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SINGLE-PHASE SILICON BRIDGE
KBP3005-KBP310
CURRENT: 3.0 A
Surge overload rating-80 amperes peak
Ideal for printed circuit board
Plastic material has Underwriters Labooratory
Flammability Classification 94V-O
Mounting position: Any
Lead: Silver Plated Cooper Lead.
Features
Mechanical Data
VOLTAGE RANGE: 50 - 1000V
!
!
Terminals: Plated Leads Solderable per
!
!
!
Mounting Position: Any
!
Marking: Type Number
Case: Molded Plastic
MIL-STD-202, Method 208
Polarity: As Marked on Body
Weight: 1.7 grams (approx.)
!
!
!
!
!
!
KBP
.125X45
(3.2)
.600(15.24)
.560(14.22)
.500(12.70)
.460(11.68)
.640
(16.25)
MIN.
.160(4.1)
.053(1.35)
.140(3.6)
.161(1.15)
.034(0.86)
.028(0.76)
.060
(1.52)
MAX.
00(5.08)
80(4.57)
.460(11.68)
.420(10.67)
MIN.
.50
(12.7)
Maximum Average Forward
0
T
Output Current @
=25 C
A
Maximum Recurrent Peak Reverse Voltage
VRRM
VRMS
VDC
V(AV)
IFSM
V
F
TJ
TSTG
IR
2
It
Maximum RMS Bridge Input Voltage
Maximum DC Blocking Voltage
2
I t Rating for fusing(t<8.3ms)
Operating Temperature Range
Storage Temperature Range
Peak Forward Surge Current
8.3 ms single half sine-wave
superimposed on rated load
Maximum DC Forward Voltage
drop per element at 1.0A DC
0
T
Maximum DC Reverse Current at rated @
=25 C
A
0
T
DC Blocking Voltage Per Element @
=100 C
A
V
V
A
mA
2
AS
0C
0C
A
A
V
35
70
140
280
420
560
700
60
100
200
400
10
1
10
-55 to +125
-55 to +150
3.0
80
1.1
600
800
1000
Maximum Ratings @ TA = 25°C unless otherwise specified
Characteristic
Symbol
Unit
1 of 2
www.sunmate.tw
50
100
200
400
600
800
1000
V
KBP3005
KBP301
KBP302
KBP304
KBP306
KBP308
KBP310


Similar Part No. - KBP310

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
KBP310 MCC-KBP310 Datasheet
431Kb / 3P
3 Amp Bridge Rectifier 50 to 1000 Volts
logo
Yangzhou yangjie electr...
KBP310 YANGJIE-KBP310 Datasheet
270Kb / 2P
SINGLE PHASE 3.0 AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBP310 CHENG-YI-KBP310 Datasheet
147Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP310 LUGUANG-KBP310 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
Formosa MS
KBP310 FORMOSA-KBP310 Datasheet
191Kb / 6P
3.0A Glass Passivated Single Phase Bridge Rectifiers-50-1000V
More results

Similar Description - KBP310

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
BR1005 GOOD-ARK-BR1005 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
BR305 GOOD-ARK-BR305 Datasheet
45Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBPC10 GOOD-ARK-KBPC10 Datasheet
49Kb / 2P
SINGLE-PHASE SILICON BRIDGE
KBU4 GOOD-ARK-KBU4 Datasheet
171Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RB151 GOOD-ARK-RB151 Datasheet
47Kb / 2P
SINGLE-PHASE SILICON BRIDGE
RS201 GOOD-ARK-RS201 Datasheet
48Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
W005 CHENG-YI-W005 Datasheet
118Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
Shenzhen Luguang Electr...
KBP3005 LUGUANG-KBP3005 Datasheet
278Kb / 2P
Single-phase Silicon Bridge
logo
DONGGUAN YOU FENG WEI E...
W005 YFWDIODE-W005 Datasheet
119Kb / 2P
SINGLE-PHASE SILICON BRIDGE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com