Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBPC25005W Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # KBPC25005W
Description  SINGLE-PHASE SILICON BRIDGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

KBPC25005W Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  KBPC25005W Datasheet HTML 1Page - SUNMATE electronic Co., LTD KBPC25005W Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CURRENT: 25 A
VOLTAGE RANGE: 50 - 1000V
SINGLE-PHASE SILICON BRIDGE RECTIFIER
KBPC25005W-KBPC2510W
Features
Mechanical Data
Diffused Junction
Low Reverse Leakage Current
Low Power Loss, High Efficiency
Surge Overload Rating to 400A Peak
High Case Dielectric Strength of 1500VRMS
Mounting Position : Any
Marking : Type Number
Case: High Conductivity Matal
Terminals: Plated Leads Solderable per
MIL-STD-202,Method 208
Polarity: Symbols Marked on Case
Through Hole for #10 Screw
Mounting:
8.0 Inch-pounds Maximum
MountingTorque:
D
D
D
D
D
D
D
D
D
D
D
D
KBPC-25W
Dimensions in inches and (millimeters)
0.452
(11.5)
0.042(1.10) DIA.
0.038(0.97)
1.181(30.0)
1.102(28.0)
0.673(17.1)
0.633(16.1)
HOLE FOR
NO.8 SCREW
0.033x.250
(0.8x6.4)
1.181(30.0)
1.102(28.0)
0.468(11.9)
0.429(10.9)
0.732(18.6)
0.692(17.6)
AC
AC
-
+
MAX.
0.591
(15.0)
MAX.
0.732(18.6)
0.692(17.6)
NOTES:
1.Unit mounted on 5” x6” x4.9” thick(12.8cmx15.2cmx12.4cm)Al.plate.
2.Bolt dowm on heat-sink with silicone thermal compound between bridge and mounting surface for
maximum heat transfer efficiency with #8 screw.
300.0
373
10
1.0
2500
2.0
-65 to +150
-65 to +150
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
25
V
VRRM
VRMS
VDC
I(AV)
IFSM
Maximum repetitive peak reverse voltage
Maximum RMS voltage
Maximum DC blocking voltage
Maximum average forward output rectified
current at TC=50 C (Note 1,2)
Peak forward surge current
8.3ms single half sine-wave superimposed on
rated load (JEDEC Method)
Rating for Fusing(t<8.3ms)
Maximum instantaneous forward voltage dorp
per bridge element at 12.5A
Maximum DC reverse current
TA=25 C
at rated DC blocking voltage
TA=100 C
Isolation voltage from case to leads
Typical Thermal Resistance (Note 2)
Operating junction temperature range
storage temperature range
A
µ
C
I t
VISO
R
θJA
TJ
TSTG
C/W
mA
IR
C
VAC
A s
2
2
VF
1.1
KBPC
25005W
KBPC
2501W
KBPC
2502W
KBPC
2506W
KBPC
2508W
KBPC
2510W
KBPC
2504W
Maximum Ratings and Electrical Characteristics T
A = 25
°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
V
V
A
A
V
www.sunmate.tw
1 of 2
Characteristic
Symbol
Unit


Similar Part No. - KBPC25005W

ManufacturerPart #DatasheetDescription
logo
Dc Components
KBPC25005W DCCOM-KBPC25005W Datasheet
426Kb / 2P
TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
DAESAN ELECTRONIC CORP.
KBPC25005W DAESAN-KBPC25005W Datasheet
231Kb / 2P
CURRENT 25.0 Amperes VOLTAGE 50 to 1000 Volts
logo
Galaxy Semi-Conductor H...
KBPC25005W BILIN-KBPC25005W Datasheet
77Kb / 2P
SILICON BRIDGE RECTIFIERS
logo
CHENG-YI ELECTRONIC CO....
KBPC25005W CHENG-YI-KBPC25005W Datasheet
127Kb / 2P
SINGLE-PHASE SILICON BRIDGE
logo
RFE international
KBPC25005W RFE-KBPC25005W Datasheet
902Kb / 4P
BRIDGE RECTIFIERS 10 Amps
More results

Similar Description - KBPC25005W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR605 RECTRON-BR605 Datasheet
22Kb / 2P
SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
KBPC35005 CHENYI-KBPC35005 Datasheet
182Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Shenzhen Luguang Electr...
BR3505 LUGUANG-BR3505 Datasheet
291Kb / 2P
Single-phase Silicon Bridge Rectifier
logo
GeneSiC Semiconductor, ...
BR106 GENESIC-BR106_16 Datasheet
289Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC25005TW GENESIC-KBPC25005TW_16 Datasheet
338Kb / 3P
Single Phase Silicon Bridge Rectifier
KBU10005 GENESIC-KBU10005_16 Datasheet
297Kb / 3P
Single Phase Silicon Bridge Rectifier
BR86 GENESIC-BR86_18 Datasheet
409Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC1506T GENESIC-KBPC1506T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
KBPC15005T GENESIC-KBPC15005T Datasheet
597Kb / 3P
Single Phase Silicon Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com