Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SP5730A/KG/QP1T Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # SP5730A/KG/QP1T
Description  1.3 GHz Low Phase Noise Frequency Synthesiser
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

SP5730A/KG/QP1T Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button SP5730A/KG/QP1T Datasheet HTML 4Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 5Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 6Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 7Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 8Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 9Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 10Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 11Page - Zarlink Semiconductor Inc SP5730A/KG/QP1T Datasheet HTML 12Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
SP5730 Datasheet
Table 9 - Component values for Figure 6
C22
C23
C24
LED 1
LED 2
R1
R4
R5
R6
R7
R8
R9
R10
R11
R12
R13
R14
S1
T1
VCO
X1
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C13
C14
C15
C16
C17
C18
C19
C20
C21
Component
18pF
2·2nF
68pF
1nF
1nF
10nF
100nF
4·7
µF
100nF
100pF
1nF
100pF
100pF
4·7nF
100pF
4·7
µF
10nF
39pF
100pF
1nF
1nF
Value/type
Component
100pF
4·7
µF
1nF
HLMPK-150
HLMPK-150
4·7k
Ω
4·7k
Ω
4·7k
Ω
4·7k
Ω
13·3k
Ω
22k
Ω
1k
Ω
0
Ω
16
Ω
16
Ω
16
Ω
68
Ω
SW DIP-2
BCW31
POS_900
4MHz
Value/type



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com