Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA145UA/2K5E4 Datasheet(PDF) 7 Page - Texas Instruments

Part # INA145UA/2K5E4
Description  Programmable Gain DIFFERENCE AMPLIFIER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA145UA/2K5E4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button INA145UA/2K5E4 Datasheet HTML 3Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 4Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 5Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 6Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 7Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 8Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 9Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 10Page - Texas Instruments INA145UA/2K5E4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
®
INA145
TYPICAL PERFORMANCE CURVES (Cont.)
At TA = +25°C, VS = ±15V, G = 1, RL = 10kΩ connected to ground and Ref pin connected to ground, unless otherwise noted.
SMALL-SIGNAL STEP RESPONSE
(G = 1, RL = 10kΩ, CL = 200pF)
5
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 1, CL = 1000pF)
5
µs/div
SMALL-SIGNAL STEP RESPONSE
(G = 10, CL = 1000pF)
5
µs/div
LARGE-SIGNAL STEP RESPONSE
(G = 10, RL = 10kΩ, CL = 200pF)
50
µs/div
V
S = ±15V
OFFSET VOLTAGE
PRODUCTION DISTRIBUTION
Offset Voltage, RTI (mV)
Typical Production
Distribution of
Packaged Devices
OFFSET VOLTAGE DRIFT
PRODUCTION DISTRIBUTION
Offset Voltage Drift, RTI (
µV/°C)
20
15
10
5
0
V
S = ±15V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com