Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA129UA/2K5E4 Datasheet(PDF) 8 Page - Texas Instruments

Part # INA129UA/2K5E4
Description  INA12x Precision, Low Power Instrumentation Amplifiers
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA129UA/2K5E4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button INA129UA/2K5E4 Datasheet HTML 4Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 5Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 6Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 7Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 8Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 9Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 10Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 11Page - Texas Instruments INA129UA/2K5E4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 29 page
background image
2
1
0
0
25
50
75
100
125
I
OS
I
B
−25
−50
−75
−1
−2
Temperature (°C)
Typical IB and IOS
Range ±2nA at 25°C
10
8
6
4
2
0
0
100
200
300
400
500
−2
−4
−6
−8
−10
Time (µs)
5
4
3
2
1
0
Input Voltage (V)
10
20
30
40
0
50
G = 1V/V
G = 1V/V
G = 1000V/V
G = 1000V/V
VIN
IIN
+15V
Flat region represents
normal linear operation.
−1
−2
−3
−4
−5
−10
−20
−30
−40
−50
−15V
0.85
0.8
0.75
0.7
0.65
0 6
6
5
4
3
2
1
0
25
50
75
100
125
I
Q
Slew Rate
−75
−50
−25
Temperature (°C)
Frequency (Hz)
1
10
1k
100
1k
100
10
1
10k
G = 1V/V
G = 10V/V
100
10
1
0.1
Current Noise
G = 100, 1000V/V
Gain (V/V)
100
10
1
1
10
100
1000
0.01%
0.1%
INA128, INA129
SBOS051C – OCTOBER 1995 – REVISED OCTOBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, VS = ±15 V, unless otherwise noted.
Figure 7. Input-Referred Noise vs Frequency
Figure 8. Settling Time vs Gain
Figure 9. Quiescent Current and Slew Rate vs Temperature
Figure 10. Input Overvoltage V/I Characteristics
Figure 11. Input Offset Voltage Warm-Up
Figure 12. Input Bias Current vs Temperature
8
Submit Documentation Feedback
Copyright © 1995–2015, Texas Instruments Incorporated
Product Folder Links: INA128 INA129



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com