Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA251UA/2K5 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # OPA251UA/2K5
Description  Single-Supply, MicroPOWER OPERATIONAL AMPLIFIERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA251UA/2K5 Datasheet(HTML) 4 Page - Texas Instruments

  OPA251UA/2K5 Datasheet HTML 1Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 2Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 3Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 4Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 5Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 6Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 7Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 8Page - Texas Instruments OPA251UA/2K5 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
4
®
OPA241, 2241, 4241
OPA251, 2251, 4251
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling
and installation procedures can cause damage.
ESD damage can range from subtle performance degrada-
tion to complete device failure. Precision integrated circuits
may be more susceptible to damage because very small
parametric changes could cause the device not to meet its
published specifications.
Supply Voltage, V+ to V– .................................................................... 36V
Input Voltage(2) .................................................. (V–) –0.5V to (V+) +0.5V
Output Short Circuit to Ground(3) ............................................ Continuous
Operating Temperature .................................................. –55
°C to +125°C
Storage Temperature ..................................................... –55
°C to +125°C
Junction Temperature ...................................................................... 150
°C
Lead Temperature (soldering, 10s) ................................................. 300
°C
NOTES: (1) Stresses above these ratings may cause permanent damage.
(2) Input terminals are diode-clamped to the power supply rails. Input signals
that can swing more that 0.5V beyond the supply rails should be current-
limited to 5mA or less. (3) One amplifier per package.
ABSOLUTE MAXIMUM RATINGS(1)
PACKAGE/ORDERING INFORMATION
OPERATING
PACKAGE
SPECIFICATION
SPECIFIED
VOLTAGE
DRAWING
TEMPERATURE
PRODUCT
VOLTAGE
RANGE
PACKAGE
NUMBER(1)
RANGE
OPA241 SERIES
Single
OPA241PA
2.7V to 5V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA241UA
2.7V to 5V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Dual
OPA2241PA
2.7V to 5V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA2241UA
2.7V to 5V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Quad
OPA4241PA
2.7V to 5V
2.7V to 36V
14-Pin DIP
010
–40
°C to +85°C
OPA4241UA
2.7V to 5V
2.7V to 36V
SO-14 Surface Mount
235
–40
°C to +85°C
OPA251 SERIES
Single
OPA251PA
±15V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA251UA
±15V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Dual
OPA2251PA
±15V
2.7V to 36V
8-Pin DIP
006
–40
°C to +85°C
OPA2251UA
±15V
2.7V to 36V
SO-8 Surface Mount
182
–40
°C to +85°C
Quad
OPA4251PA
±15V
2.7V to 36V
14-Pin DIP
010
–40
°C to +85°C
OPA4251UA
±15V
2.7V to 36V
SO-14 Surface Mount
235
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data sheet, or Appendix C of Burr-Brown IC Data Book.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com