Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATS128 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # ATS128
Description  Highly Programmable, Back-Biased, Hall-Effect Switch
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

ATS128 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button ATS128 Datasheet HTML 14Page - Allegro MicroSystems ATS128 Datasheet HTML 15Page - Allegro MicroSystems ATS128 Datasheet HTML 16Page - Allegro MicroSystems ATS128 Datasheet HTML 17Page - Allegro MicroSystems ATS128 Datasheet HTML 18Page - Allegro MicroSystems ATS128 Datasheet HTML 19Page - Allegro MicroSystems ATS128 Datasheet HTML 20Page - Allegro MicroSystems ATS128 Datasheet HTML 21Page - Allegro MicroSystems ATS128 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
Highly Programmable, Back-Biased,
Hall-Effect Switch with TPOS Functionality
ATS128LSE
18
Allegro MicroSystems, LLC
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
tional VPM pulse addresses the next bit in the selected register, up
to the MSB. Read mode is available only before the LOCK bit
has been set.
After the final VPH key pulse, and after each VPM address pulse,
if VOUT is high, the corresponding fuse can be considered blown
(the status of the Output Polarity bit, POL, does not affect Read
mode output values, allowing POL to be tested also). If the output
state is low, the fuse can be considered un-blown. During Read
mode VOUT must be pulled high using a pull-up resistor (see
RLOAD in the Typical Application Circuit diagram).
Figure 13. Example of Blow mode programming pulses applied to the VCC pin. In this example, the BOP Magnitude
Selection register (BOPSEL) is addressed to code 8 (bit 3, or 3 VPM pulses) and its value is permanently blown.
Figure 12. Example of Try mode programming pulses applied to the VCC pin. In this example, BOP Positive Trim, Down-
Counting register is addressed to code 12 by the eleven VPM pulses (code 1 is selected automatically at the falling edge
of the register-mode selection key).
VPH
VPM
VPL
GND
Register (and Mode) Selection Key
Bit Field (Fuse)
Address Codes
1234567
1
23
8
9 10 11
Blow
Pulse
VPH
VPM
VPL
GND
Register (and Mode)
Selection Key
Bit Field
Address Codes
1234
123456789 10 11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com