Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2948B Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF2948B
Description  2.4GHz SPREAD-SPECTRUM TRANSCEIVER
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2948B Datasheet(HTML) 1 Page - RF Micro Devices

  RF2948B Datasheet HTML 1Page - RF Micro Devices RF2948B Datasheet HTML 2Page - RF Micro Devices RF2948B Datasheet HTML 3Page - RF Micro Devices RF2948B Datasheet HTML 4Page - RF Micro Devices RF2948B Datasheet HTML 5Page - RF Micro Devices RF2948B Datasheet HTML 6Page - RF Micro Devices RF2948B Datasheet HTML 7Page - RF Micro Devices RF2948B Datasheet HTML 8Page - RF Micro Devices RF2948B Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
11-239
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
32
31
30
29
I OUT
24
28
27
VCC1
4
RX IF IN
5
PD
1
RX EN
2
RX IF BIAS
3
TX IF IN
6
VCC9
7
TX VGC
8
9
10
11
12
13
14
15
16
IF1 OUT-
17
IF1 OUT+
18
TXQ BP
21
TXQ DATA
22
TXI BP
19
TXI DATA
20
VCC4
23
25
Logic
REF
Phase
Splitter
BW
Control
gm-C
LPF
gm-C
LPF
gm-C
LPF
TX
Bias
gm-C
LPF
Σ
÷2
DC
Feedback
DC
Feedback
26
RF2948B
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
• IEEE 802.11b WLANs
• Wireless Residential Gateways
• Secure Communication Links
• High Speed Digital Links
• Wireless Security
• Digital Cordless Telephones
The RF2948B is a monolithic integrated circuit specifi-
cally designed for direct-sequence spread-spectrum sys-
tems operating in the 2.4GHz ISM band. The part
includes: a direct conversion from IF receiver with vari-
able gain control; quadrature demodulator; I/Q baseband
amplifiers; and, on-chip programmable baseband filters.
For the transmit side, a QPSK modulator and upconverter
are provided. The design reuses the IF SAW filter for
transmit and receive reducing the number of SAW filters
required. Two-cell or regulated three-cell (3.6V maxi-
mum) battery applications are supported by the part. The
part is also designed to be part of a 2.4GHz chipset con-
sisting of the RF2494 LNA/Mixer, one of the many RFMD
high-efficiency GaAs HBT PA’s and the RF3000 Base-
band Processor.
• 45MHz to 500MHz IF Quad Demod
• On-Chip Variable Baseband Filters
• Quadrature Modulator and Upconverter
• 2.7V to 3.6V Operation
• Part of IEEE802.11b Chipset
• 2.4GHz PA Driver
RF2948B
2.4GHz Spread-Spectrum Transceiver
RF2948BTR13
2.4GHz Spread-Spectrum Transceiver (Tape & Reel)
RF2948B PCBA
Fully Assembled Evaluation Board
0
Rev A6 040930
Shaded lead is pin 1.
-B-
2.50 TYP.
2.37 TYP.
5.00 SQ.
-A-
3
2 PLCS
0.10 C A
2 PLCS
0.10 C B
4.75 SQ.
2 PLCS
0.10 C A
2 PLCS
0.10 C B
0.05
0.00
0.70
0.65
12°
MAX
-C-
SEATING
PLANE
0.90
0.85
0.05 C
0.50
3.45
3.15
SQ.
Pin 1 ID
R.20
0.50
0.30
2
0.30
0.18
0.60
0.24
TYP.
C A B
0.10 M
Dimensions in mm.
Package Style: QFN, 32-Pin, 5x5
NOT FOR NEW DESIGNS


Similar Part No. - RF2948B

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2942 RFMD-RF2942 Datasheet
206Kb / 12P
UHF QUADRATURE MODULATOR AND TRANSMITTER
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results

Similar Description - RF2948B

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2938 RFMD-RF2938 Datasheet
528Kb / 20P
2.4GHZ SPREAD-SPECTRUM TRANSCEIVER
logo
Zilog, Inc.
Z87200 ZILOG-Z87200 Datasheet
449Kb / 54P
Spread-Spectrum Transceiver
logo
Synaptics Incorporated.
RF109 CONEXANT-RF109 Datasheet
100Kb / 12P
2400 MHz DIGITAL SPREAD SPECTRUM TRANSCEIVER
logo
RF Micro Devices
RF2958 RFMD-RF2958 Datasheet
235Kb / 20P
2.4GHz SPREAD-SPECTRUM TRANSCEIVER
logo
List of Unclassifed Man...
XE900S ETC1-XE900S Datasheet
70Kb / 16P
Smart Spread Spectrum Transceiver
XE900SL10 ETC1-XE900SL10 Datasheet
72Kb / 16P
Miniature Spread Spectrum Transceiver
logo
RF Monolithics, Inc
DNT90CA RFM-DNT90CA Datasheet
192Kb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
logo
List of Unclassifed Man...
TRW-24DSHI ETC2-TRW-24DSHI Datasheet
457Kb / 7P
2.4GHz Direct Sequence Spread Spectrum Hi Power Module
TRW-24DSSS ETC2-TRW-24DSSS Datasheet
781Kb / 4P
2.4GHz Direct Sequence Spread Spectrum RF Module
logo
Murata Manufacturing Co...
DNT900 MURATA-DNT900 Datasheet
1Mb / 7P
900 MHz Frequency Hopping Spread Spectrum Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com