Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OPA690IDBVR Datasheet(PDF) 15 Page - Texas Instruments

Click here to check the latest version.
Part # OPA690IDBVR
Description  Wideband, Voltage Feedback OPERATIONAL AMPLIFIER With Disable
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA690IDBVR Datasheet(HTML) 15 Page - Texas Instruments

Back Button OPA690IDBVR Datasheet HTML 11Page - Texas Instruments OPA690IDBVR Datasheet HTML 12Page - Texas Instruments OPA690IDBVR Datasheet HTML 13Page - Texas Instruments OPA690IDBVR Datasheet HTML 14Page - Texas Instruments OPA690IDBVR Datasheet HTML 15Page - Texas Instruments OPA690IDBVR Datasheet HTML 16Page - Texas Instruments OPA690IDBVR Datasheet HTML 17Page - Texas Instruments OPA690IDBVR Datasheet HTML 18Page - Texas Instruments OPA690IDBVR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
OPA690
15
SBOS223A
www.ti.com
INVERTING AMPLIFIER OPERATION
Since the OPA690 is a general-purpose, wideband voltage
feedback op amp, all of the familiar op amp application
circuits are available to the designer. Inverting operation is
one of the more common requirements and offers several
performance benefits. Figure 8 shows a typical inverting
configuration where the I/O impedances and signal gain from
Figure 1 are retained in an inverting circuit configuration.
FIGURE 8. Gain of –2 Example Circuit.
The second major consideration, touched on in the previous
paragraph, is that the signal source impedance becomes
part of the noise gain equation and hence influences the
bandwidth. For the example in Figure 8, the RM value
combines in parallel with the external 50
Ω source imped-
ance, yielding an effective driving impedance of 50
Ω || 67Ω
= 28.6
Ω. This impedance is added in series with R
G for
calculating the noise gain (NG). The resultant NG is 2.8 for
Figure 8, as opposed to only 2 if RM could be eliminated as
discussed above. The bandwidth will therefore be slightly
lower for the gain of –2 circuit of Figure 8 than for the gain
of +2 circuit of Figure 1.
The third important consideration in inverting amplifier design
is setting the bias current cancellation resistor on the
noninverting input (RB). If this resistor is set equal to the total
DC resistance looking out of the inverting node, the output
DC error, due to the input bias currents, will be reduced to
(Input Offset Current) • RF. If the 50Ω source impedance is
DC-coupled in Figure 8, the total resistance to ground on the
inverting input will be 228
Ω. Combining this in parallel with
the feedback resistor gives the RB = 146Ω used in this
example. To reduce the additional high frequency noise
introduced by this resistor, it is sometimes bypassed with a
capacitor. As long as RB < 350Ω, the capacitor is not required
since the total noise contribution of all other terms will be less
than that of the op amp’s input noise voltage. As a minimum,
the OPA690 requires an RB value of 50Ω to damp out
parasitic-induced peaking—a direct short to ground on the
noninverting input runs the risk of a very high frequency
instability in the input stage.
OUTPUT CURRENT AND VOLTAGE
The OPA690 provides output voltage and current capabilities
that are unsurpassed in a low-cost monolithic op amp. Under
no-load conditions at +25
°C, the output voltage typically
swings closer than 1V to either supply rail; the tested swing
limit is within 1.2V of either rail. Into a 15
Ω load (the minimum
tested load), it is tested to deliver more than
±160mA.
The specifications described above, though familiar in the
industry, consider voltage and current limits separately. In
many applications, it is the voltage • current, or V-I product,
which is more relevant to circuit operation. Refer to the
“Output Voltage and Current Limitations” plot in the Typical
Characteristics. The X- and Y-axes of this graph show the
zero-voltage output current limit and the zero-current output
voltage limit, respectively. The four quadrants give a more
detailed view of the OPA690’s output drive capabilities,
noting that the graph is bounded by a “Safe Operating Area”
of 1W maximum internal power dissipation. Superimposing
resistor load lines onto the plot shows that the OPA690 can
drive
±2.5V into 25Ω or ±3.5V into 50Ω without exceeding the
output capabilities or the 1W dissipation limit. A 100
Ω load
line (the standard test circuit load) shows the full
±3.9V
output swing capability, as shown in the typical specifica-
tions.
OPA690
50
Ω
R
F
402
Ω
R
G
200
Ω
R
B
146
Ω
R
M
67
Ω
Source
DIS
+5V
–5V
R
O
50
Ω
0.1
µF
6.8
µF
+
0.1
µF
0.1
µF
6.8
µF
+
50
Ω Load
In the inverting configuration, three key design consider-
ations must be noted. The first is that the gain resistor (RG)
becomes part of the signal channel input impedance. If input
impedance matching is desired (which is beneficial when-
ever the signal is coupled through a cable, twisted-pair, long
PC board trace, or other transmission line conductor), RG
may be set equal to the required termination value and RF
adjusted to give the desired gain. This is the simplest
approach and results in optimum bandwidth and noise per-
formance. However, at low inverting gains, the resultant
feedback resistor value can present a significant load to the
amplifier output. For an inverting gain of 2, setting RG to 50Ω
for input matching eliminates the need for RM but requires a
100
Ω feedback resistor. This has the interesting advantage
that the noise gain becomes equal to 2 for a 50
Ω source
impedance—the same as the noninverting circuits consid-
ered above. However, the amplifier output will now see the
100
Ω feedback resistor in parallel with the external load. In
general, the feedback resistor should be limited to the 200
Ω
to 1.5k
Ω range. In this case, it is preferable to increase both
the RF and RG values, as shown in Figure 8, and then
achieve the input matching impedance with a third resistor
(RM) to ground. The total input impedance becomes the
parallel combination of RG and RM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com