Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VT8231 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # VT8231
Description  SOUTH BRIDGE PC99 COMPLIANT
PDF  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

VT8231 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button VT8231 Datasheet HTML 6Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 7Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 8Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 9Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 10Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 11Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 12Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 13Page - List of Unclassifed Manufacturers VT8231 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 132 page
background image
VT8231
Preliminary Revision 0.8 October 29, 1999
-4-
Features
7HFKQRORJLHV ,QF
:H &RQQHFW
:H &RQQHFW
• Voltage, Temperature, Fan Speed Monitor and Controller
Five universal input channels for voltage or temperature sensing
Two fan-speed monitoring channels
Input channel for thermal diode in Intel™ high speed Pentium II™ / Pentium III™ CPUs
Programmable control, status, monitor and alarm for flexible desktop management
External thermister or internal bandgap temperature sensing
Automatic clock throttling with integrated temperature sensing
Internal core VCC voltage sensing
Flexible external voltage sensing arrangement (any positive supply and battery)
• Sophisticated PC99-Compatible Mobile Power Management
Supports both ACPI (Advanced Configuration and Power Interface) and legacy (APM) power management
ACPI v1.0 Compliant
APM v1.2 Compliant
CPU clock throttling and clock stop control for complete ACPI C0 to C3 state support
PCI bus clock run, Power Management Enable (PME) control, and PCI/CPU clock generator stop control
Supports multiple system suspend types: power-on suspends with flexible CPU/PCI bus reset options,
suspend to DRAM, and suspend to disk (soft-off), all with hardware automatic wake-up
Multiple suspend power plane controls and suspend status indicators
One idle timer, one peripheral timer and one general purpose timer, plus 24/32-bit ACPI compliant timer
Normal, doze, sleep, suspend and conserve modes
Global and local device power control
System event monitoring with two event classes
Primary and secondary interrupt differentiation for individual channels
Dedicated input pins for power and sleep buttons, external modem ring indicator, and notebook lid open/close for
system wake-up
Multiple internal and external SMI sources for flexible power management models
One programmable chip select and one microcontroller chip select
Enhanced integrated real time clock (RTC) with date alarm, month alarm, and century field
Thermal alarm on either external or any combination of three internal temperature sensing circuits
Hot docking support
I/O pad leakage control
• Plug and Play Controller
PCI interrupts steerable to any interrupt channel
Steerable interrupts for integrated peripheral controllers: USB, floppy, serial, parallel, audio, soundblaster, MIDI
Steerable DMA channels for integrated floppy, parallel, and soundblaster pro controllers
One additional steerable interrupt channel for on-board plug and play devices
Microsoft Windows 2000TM, Windows 98SETM, Windows 98TM, Windows NTTM, Windows 95TM and plug and play
BIOS compliant
• Built-in NAND-tree pin scan test capability
• 0.30um, 3.3V, low power CMOS process
• Single chip 27x27 mm, 376 pin BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com