Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BQ26221 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # BQ26221
Description  HIGH PERFORMANCE BATTERY MONITOR IC WITH COUOMB COUNTER, VOLTAGE AND, TEMPERATURE MEASUREMENT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ26221 Datasheet(HTML) 13 Page - Texas Instruments

Back Button BQ26221 Datasheet HTML 9Page - Texas Instruments BQ26221 Datasheet HTML 10Page - Texas Instruments BQ26221 Datasheet HTML 11Page - Texas Instruments BQ26221 Datasheet HTML 12Page - Texas Instruments BQ26221 Datasheet HTML 13Page - Texas Instruments BQ26221 Datasheet HTML 14Page - Texas Instruments BQ26221 Datasheet HTML 15Page - Texas Instruments BQ26221 Datasheet HTML 16Page - Texas Instruments BQ26221 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
bq26221
SLUS607 − MAY 2004
13
www.ti.com
APPLICATION INFORMATION
single-byte programming
To program an individual byte in flash, the byte of data is first written into the FPD register while the address
to be programmed is written into the FPA register. The program byte command, 0x0F, is then written to the
FCMD. The result of this sequence is that the contents of the FPD register is logically ANDed with the contents
of the flash address pointed to by the FPA register.
RAM-to-flash transfer
The content of the flash that shadows the user RAM is logically ANDed to the RAM contents when the
RAM-to-flash transfer command is sent. If new data is to be written over old data, then it is necessary to first
erase the flash page that is being updated and restore all necessary data.
communicating with the bq26221
The bq26221 includes a single-wire HDQ serial data interface. Host processors, configured for either polled or
interrupt processing, use the interface to access various bq26221 registers. The HDQ pin requires an external
pull-up resistor. The interface uses a command-based protocol, where the host processor sends a command
byte to the bq26221. The command directs the bq26221 either to store the next eight bits of data received to
a register specified by the command byte, or, to output the eight bits of data from a register specified by the
command byte.
The communication protocol is asynchronous return-to-one and is referenced to VSS. Command and data
bytes consist of a stream of eight bits that have a maximum transmission rate of 5 Kbits/s. The least-significant
bit of a command or data byte is transmitted first. Data input from the bq26221 may be sampled using the
pulse-width capture timers available on some microcontrollers. A UART, (universal asynchronous receiver
transmitter), also communicates with the bq26221.
If a communication time out occurs (for example, if the host waits longer than t(CYCB) for the bq26221 to respond
or if this is the first access command), then a BREAK should be sent by the host. The host may then resend
the command. The bq26221 detects a BREAK when the HDQ pin is driven to a logic-low state for a time t(B)
or greater. The HDQ pin then returns to its normal ready-high logic state for a time t(BR).The bq26221 is then
ready for a command from the host processor.
The return-to-one data-bit frame consists of three distinct sections:
1.
The first section starts the transmission by either the host or the bq26221 taking the HDQ pin to a logic-low
state for a period equal to t(HW1) or t(DW1).
2.
The next section is the actual data transmission, where the data should be valid by a period equal to t(HW1)
or t(DW1), after the negative edge that starts communication. The data should be held for t(HW0) and t(DW0)
periods to allow the host or bq26221 to sample the data bit.
3.
The final section stops the transmission by returning the HDQ pin to a logic-high state by at least a period
equal to t(DW0) or t(HW0) after the negative edge used to start communication. The final logic-high state
should be held until a period equal to t(CYCH) or t(CYCB), to allow time to ensure that the bit transmission
ceased properly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com