Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS8406-CZ Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS8406-CZ
Description  192 KHZ DIGITAL AUDIO INTERFACE TRANSMITTER
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS8406-CZ Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS8406-CZ Datasheet HTML 19Page - Cirrus Logic CS8406-CZ Datasheet HTML 20Page - Cirrus Logic CS8406-CZ Datasheet HTML 21Page - Cirrus Logic CS8406-CZ Datasheet HTML 22Page - Cirrus Logic CS8406-CZ Datasheet HTML 23Page - Cirrus Logic CS8406-CZ Datasheet HTML 24Page - Cirrus Logic CS8406-CZ Datasheet HTML 25Page - Cirrus Logic CS8406-CZ Datasheet HTML 26Page - Cirrus Logic CS8406-CZ Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 43 page
background image
CS8406
DS580F1
23
8.
CONTROL PORT REGISTER BIT DEFINITIONS
8.1
Control 1 (01h)
VSET - Transmitted Validity bit level
Default = ‘0’
0 - Indicates data is valid, linear PCM audio data
1 - Indicates data is invalid or not linear PCM audio data
MUTEAES - Mute control for the AES transmitter output
Default = ‘0’
0 - Not Muted
1 - Muted
INT1:0 - Interrupt output pin (INT) control
Default = ‘00’
00 - Active high; high output indicates interrupt condition has occurred
01 - Active low, low output indicates an interrupt condition has occurred
10 - Open drain, active low. Requires an external pull-up resistor on the INT pin.
11 - Reserved
TCBLD - Transmit Channel Status Block pin (TCBL) direction specifier
Default = ‘0’
0 - TCBL is an input
1 - TCBL is an output
7
6
5
43210
0
VSET
0
MUTEAES
0
INT1
INT0
TCBLD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com