Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TMP320C40GDM40CT Datasheet(PDF) 3 Page - Texas Instruments

Part # TMP320C40GDM40CT
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TMP320C40GDM40CT Datasheet(HTML) 3 Page - Texas Instruments

  TMP320C40GDM40CT Datasheet HTML 1Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 2Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 3Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 4Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 5Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 6Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 7Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 8Page - Texas Instruments TMP320C40GDM40CT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
TMP320C40KGDC, SMJ320C40KGDC, TMP320C40KGDCT, SMJ320C40KGDCT
FLOATINGPOINT DIGITAL SIGNAL PROCESSOR
KNOWN GOOD DIES
SGUS024C − MARCH 1997 − REVISED OCTOBER 2001
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description (continued)
The simulation tools include:
D Parallel DSP system-level simulation, by Logic Modeling Corporation (LMC), which includes a hardware
verification (HV) model and a full functional (FF) model
D TI software simulator with high-level language debugger interface for simulating a single processor
The hardware development and verification tools include:
D Parallel processor in-circuit emulator and high-level language debugger: XDS510
D Parallel processor development system with four TMS320C40s, local and global memory, and
communication port connections
For additional information when designing for cold temperature operation, please see Texas Instruments
application report 320C3x, 320C4x and 320MCM42x Power-up Sensitivity at Cold Temperature, literature
number SGUA001.
known good die technology
Known good die (KGD) options are offered for use in multichip modules and chip-on-board (COB) applications.
There are currently two verification technologies used at TI to support KGD requirements for the
TMP/SMJ320C40KGD: Removable Tab (R-Tab), and Temporary Wire Bond (TWB).
The availability of selected DSP products in a tape-automated bond (TAB) configuration has made possible the
use of a removable TAB technique. The TAB leadframe is attached to a gold-bumped die using modified bonding
parameters. This technique allows easy removal of the tape after all needed 100% screens and parametric tests
have been performed. The tape is removed from the tested part and the die is shipped in a conventional die
container. The gold bumps remain on the bond pads, which allow for subsequent attachment of gold-ball bonds.
Similarly, with KGD using the TWB technique, bond wires are attached to the bond pads using adjusted bonding
parameters which allow for easy removal of the die after all needed 100% screens and parametric tests have
been performed. The die is removed from the temporary package and the die is shipped in a conventional die
container.
visual inspection of known good die (KGD) using temporary wire bond (TWB) process
QML KGD devices produced using the TWB technology do not optically meet MIL-STD-883E (Method 2010,
paragraph 3.1.1.1.h) metal bond pad visual inspection criterion due to the bond pad marks formed during
bonding removal process. However, these devices have been reliably bonded using normal wire bond
precesses, and pass bond strength evaluations.
electrical specifications
For military electrical and timing specifications, please refer to the SMJ320C40 Digital Signal Processor data
sheet, literature number SGUS017. For commercial electrical and timing specifications, see the TMS320C40
Digital Signal Processor Data Sheet, literature number SPRS038.
XDS510 is a trademark of Texas Instruments Incorporated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com