Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS54972PWPR Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54972PWPR
Description  9-A OUTPUT, 3-V TO 4-V INPUT TRACKING/TERMINATION SYNCHRONOUS PWM SWITCHER WITH INTEGRATED FETs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54972PWPR Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS54972PWPR Datasheet HTML 9Page - Texas Instruments TPS54972PWPR Datasheet HTML 10Page - Texas Instruments TPS54972PWPR Datasheet HTML 11Page - Texas Instruments TPS54972PWPR Datasheet HTML 12Page - Texas Instruments TPS54972PWPR Datasheet HTML 13Page - Texas Instruments TPS54972PWPR Datasheet HTML 14Page - Texas Instruments TPS54972PWPR Datasheet HTML 15Page - Texas Instruments TPS54972PWPR Datasheet HTML 16Page - Texas Instruments TPS54972PWPR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Switching Frequency
100 k
R
500 [kHz]
=
x
TPS54972
www.ti.com
SLVS437B – AUGUST 2002 – REVISED AUGUST 2010
DETAILED DESCRIPTION
UNDERVOLTAGE LOCKOUT (UVLO)
The TPS54972 incorporates an undervoltage lockout circuit to keep the device disabled when the input voltage
(VIN) is insufficient. During power up, internal circuits are held inactive until VIN exceeds the nominal UVLO
threshold voltage of 2.95 V. Once the UVLO start threshold is reached, device start-up begins. The device
operates until VIN falls below the nominal UVLO stop threshold of 2.80 V. Hysteresis in the UVLO comparator,
and a 2.5-µs rising and falling edge deglitch circuit reduce the likelihood of shutting the device down due to noise
on VIN.
ENABLE (ENA)
The enable pin, ENA, provides a digital control to enable or disable (shut down) the TPS54972. An input voltage
of 1.4 V or greater ensures the TPS54972 is enabled. An input of 0.9 V or less ensures the device operation is
disabled. These are not standard logic thresholds, even though they are compatible with TTL outputs.
When ENA is low, the oscillator, slow-start, PWM control and MOSFET drivers are disabled and held in an initial
state ready for device start-up. On an ENA transition from low to high, device start-up begins with the output
starting from 0 V.
SLOW-START
The slow-start circuit provides start-up slope control of the output voltage to limit in-rush currents. The nominal
internal slow-start rate is 0.25 V/ms with the minimum rate being 0.35 V/ms. When the voltage on REFIN rises
faster than the internal slope or is present when device operation is enabled, the output rises at the internal rate.
If the reference voltage on REFIN rises more slowly, then the output rises at approximately the same rate as
REFIN.
VBIAS REGULATOR (VBIAS)
The VBIAS regulator provides internal analog and digital blocks with a stable supply voltage over variations in
junction temperature and input voltage. A high quality, low-ESR, ceramic bypass capacitor is required on the
VBIAS pin. X7R or X5R grade dielectrics are recommended because their values are more stable over
temperature. The bypass capacitor should be placed close to the VBIAS pin and returned to AGND. External
loading on VBIAS is allowed, with the caution that internal circuits require a minimum VBIAS of 2.70 V, and
external loads on VBIAS with ac or digital switching noise may degrade performance. The VBIAS pin may be
useful as a reference voltage for external circuits.
VOLTAGE REFERENCE
The REFIN pin provides an input for a user supplied tracking voltage. Typically this input is one half of V(DDQ).
The input range for this external reference is 0.2 V to 1.75 V. Above this level, the internal bandgap reference
overrides the externally supplied reference voltage.
OSCILLATOR AND PWM RAMP
The oscillator frequency can be set to an internally fixed value of 350 kHz by leaving the RT pin unconnected
(floating). If a different frequency of operation is required for the application, the oscillator frequency can be
externally adjusted from 280 to 700 kHz by connecting a resistor to the RT pin to ground. The switching
frequency is approximated by the following equation, where R is the resistance from RT to AGND:
The following table summarizes the frequency selection configurations:
SWITCHING FREQUENCY
RT PIN
350 kHz, internally set
Float
Externally set 280 kHz to 700 kHz
R = 68 k
Ω to 180 kΩ
Copyright © 2002–2010, Texas Instruments Incorporated
Submit Documentation Feedback
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com