Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEEFC1A221AP Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEEFC1A221AP
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1A221AP Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEEFC1A221AP Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1A221AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 105 °C 1000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+105 °C)
(mA r.m.s.)
Impedance
(100 kHz)
(+20 °C)
(
Ω)
tan d
(120 Hz)
(+20 °C)
Taping
(pcs)
6.3
22
4
5.4
B
60
3.00
0.26
EEEFC0J220AR
(5)
2000
47
5
5.4
C
95
1.80
0.26
EEEFC0J470AR
(5)
1000
68
6.3
5.4
D
140
1.00
0.26
EEEFC0J680AP
(5)
1000
100
6.3
5.4
D
140
1.00
0.26
EEEFC0J101AP
(5)
1000
220
8
6.2
E
230
0.40
0.26
EEEFC0J221AP
(6)
1000
330
8
10.2
F
450
0.30
0.26
EEEFC0J331AP
(6)
500
1000
10
10.2
G
670
0.15
0.26
EEEFC0J102AP
(6)
500
1500
10
10.2
G
670
0.15
0.26
EEEFC0J152AP
(6)
500
10
33
5
5.4
C
95
1.80
0.19
EEEFC1A330AR
(5)
1000
100
8
6.2
E
230
0.40
0.19
EEEFC1A101AP
(6)
1000
150
8
6.2
E
230
0.40
0.19
EEEFC1A151AP
(6)
1000
220
8
10.2
F
450
0.30
0.19
EEEFC1A221AP
(6)
500
470
10
10.2
G
670
0.15
0.19
EEEFC1A471AP
(6)
500
1000
10
10.2
G
670
0.15
0.19
EEEFC1A102AP
(6)
500
16
10
4
5.4
B
60
3.00
0.16
EEEFC1C100AR
(5)
2000
22
5
5.4
C
95
1.80
0.16
EEEFC1C220AR
(5)
1000
47
6.3
5.4
D
140
1.00
0.16
EEEFC1C470AP
(5)
1000
68
8
6.2
E
230
0.40
0.16
EEEFC1C680AP
(6)
1000
100
8
6.2
E
230
0.40
0.16
EEEFC1C101AP
(6)
1000
220
10
10.2
G
670
0.15
0.16
EEEFC1C221AP
(6)
500
330
10
10.2
G
670
0.15
0.16
EEEFC1C331AP
(6)
500
470
10
10.2
G
670
0.15
0.16
EEEFC1C471AP
(6)
500
680
10
10.2
G
670
0.15
0.16
EEEFC1C681AP
(6)
500
25
6.8
4
5.4
B
60
3.00
0.14
EEEFC1E6R8AR
(5)
2000
22
6.3
5.4
D
140
1.00
0.14
EEEFC1E220AP
(5)
1000
33
6.3
5.4
D
140
1.00
0.14
EEEFC1E330AP
(5)
1000
47
8
6.2
E
230
0.40
0.14
EEEFC1E470AP
(6)
1000
68
8
10.2
F
450
0.30
0.14
EEEFC1E680AP
(6)
500
100
8
10.2
F
450
0.30
0.14
EEEFC1E101AP
(6)
500
220
10
10.2
G
670
0.15
0.14
EEEFC1E221AP
(6)
500
330
10
10.2
G
670
0.15
0.14
EEEFC1E331AP
(6)
500
470
10
10.2
G
670
0.15
0.14
EEEFC1E471AP
(6)
500
35
14
5.4
B
60
3.00
0.12
EEEFC1V1R0AR
(5)
2000
2.2
4
5.4
B
60
3.00
0.12
EEEFC1V2R2AR
(5)
2000
3.3
4
5.4
B
60
3.00
0.12
EEEFC1V3R3AR
(5)
2000
4.7
4
5.4
B
60
3.00
0.12
EEEFC1V4R7AR
(5)
2000
6.8
5
5.4
C
95
1.80
0.12
EEEFC1V6R8AR
(5)
1000
10
5
5.4
C
95
1.80
0.12
EEEFC1V100AR
(5)
1000
22
6.3
5.4
D
140
1.00
0.12
EEEFC1V220AP
(5)
1000
33
8
6.2
E
230
0.40
0.12
EEEFC1V330AP
(6)
1000
47
8
6.2
E
230
0.40
0.12
EEEFC1V470AP
(6)
1000
100
10
10.2
G
670
0.15
0.12
EEEFC1V101AP
(6)
500
220
10
10.2
G
670
0.15
0.12
EEEFC1V221AP
(6)
500
330
10
10.2
G
670
0.15
0.12
EEEFC1V331AP
(6)
500
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “P”
Characteristics list
Mar. 2016
02



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com