Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEETK1A472AM Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # EEETK1A472AM
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEETK1A472AM Datasheet(HTML) 2 Page - Panasonic Semiconductor

  EEETK1A472AM Datasheet HTML 1Page - Panasonic Semiconductor EEETK1A472AM Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
Endurance : 125 °C 2000 h
Rated
voltage
(V.DC)
Cap.
(±20 %)
(µF)
Case size (mm)
Size
✽
code
Specification
Part No.
Reflow
Min. Packaging Q'ty
0DL
Ripple
current
(100 kHz)
(+125 °C)
(mA r.m.s.)
ESR
(100 kHz)
(
Ω)
tan
d
(120 Hz)
(+20 °C)
Taping
(pcs)
+20 °C
–40 °C
10
1000
12.5
13.5
H13
800
0.120
1.80
0.30
EEETK1A102AQ
(9)
200
1500
12.5
13.5
(H13)
800
0.120
1.80
0.30
EEETKA152UAQ
(9)
200
2200
16
16.5
J16
1100
0.080
1.20
0.32
EEETK1A222AM
(9)
125
3300
16
16.5
(J16)
1100
0.080
1.20
0.34
EEETKA332UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.36
EEETK1A332AM
(9)
125
4700
18
16.5
K16
1300
0.075
1.10
0.38
EEETK1A472AM
(9)
125
16
330
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C331AQ
(9)
200
470
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C471AQ
(9)
200
680
12.5
13.5
H13
800
0.120
1.80
0.23
EEETK1C681AQ
(9)
200
1000
12.5
13.5
(H13)
800
0.120
1.80
0.23
EEETKC102UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.25
EEETK1C102AM
(9)
125
2200
16
16.5
(J16)
1100
0.080
1.20
0.27
EEETKC222UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.27
EEETK1C222AM
(9)
125
3300
18
16.5
K16
1300
0.075
1.10
0.29
EEETK1C332AM
(9)
125
25
330
12.5
13.5
H13
800
0.120
1.80
0.18
EEETK1E331AQ
(9)
200
470
12.5
13.5
H13
800
0.120
1.80
0.18
EEETK1E471AQ
(9)
200
680
12.5
13.5
(H13)
800
0.120
1.80
0.18
EEETKE681UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.18
EEETK1E681AM
(9)
125
1000
16
16.5
(J16)
1100
0.080
1.20
0.18
EEETKE102UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.18
EEETK1E102AM
(9)
125
2200
18
16.5
K16
1300
0.075
1.10
0.20
EEETK1E222AM
(9)
125
35
330
12.5
13.5
H13
800
0.120
1.80
0.16
EEETK1V331AQ
(9)
200
470
12.5
13.5
(H13)
800
0.120
1.80
0.16
EEETKV471UAQ
(9)
200
16
16.5
J16
1100
0.080
1.20
0.16
EEETK1V471AM
(9)
125
680
16
16.5
(J16)
1100
0.080
1.20
0.16
EEETKV681UAM
(9)
125
18
16.5
K16
1300
0.075
1.10
0.16
EEETK1V681AM
(9)
125
1000
18
16.5
K16
1300
0.075
1.10
0.16
EEETK1V102AM
(9)
125
50
220
12.5
13.5
H13
600
0.230
3.40
0.14
EEETK1H221AQ
(10)
200
330
12.5
13.5
H13
600
0.230
3.40
0.14
EEETK1H331AQ
(10)
200
470
16
16.5
J16
900
0.150
2.20
0.14
EEETK1H471AM
(10)
125
680
16
16.5
(J16)
900
0.150
2.20
0.14
EEETKH681UAM
(10)
125
18
16.5
K16
950
0.140
2.10
0.14
EEETK1H681AM
(10)
125
1000
18
16.5
K16
950
0.140
2.10
0.14
EEETK1H102AM
(10)
125
63
100
12.5
13.5
H13
350
0.260
5.20
0.12
EEETK1J101AQ
(11)
200
220
12.5
13.5
H13
350
0.260
5.20
0.12
EEETK1J221AQ
(11)
200
330
16
16.5
J16
500
0.180
3.60
0.12
EEETK1J331AM
(11)
125
470
16
16.5
J16
500
0.180
3.60
0.12
EEETK1J471AM
(11)
125
80
47
12.5
13.5
H13
250
0.420
8.40
0.12
EEETK1K470AQ
(11)
200
100
12.5
13.5
(H13)
250
0.420
8.40
0.12
EEETKK101UAQ
(11)
200
16
16.5
J16
350
0.300
6.00
0.12
EEETK1K101AM
(11)
125
220
16
16.5
(J16)
350
0.300
6.00
0.12
EEETKK221UAM
(11)
125
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K221AM
(11)
125
330
16
16.5
(J16)
350
0.300
6.00
0.12
EEETKK331UAM
(11)
125
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K331AM
(11)
125
470
18
16.5
K16
400
0.280
5.60
0.12
EEETK1K471AM
(11)
125
100
47
12.5
13.5
H13
250
0.420
8.40
0.10
EEETK2A470AQ
(11)
200
100
16
16.5
J16
350
0.300
6.00
0.10
EEETK2A101AM
(11)
125
220
18
16.5
K16
400
0.280
5.60
0.10
EEETK2A221AM
(11)
125
330
18
16.5
K16
400
0.280
5.60
0.10
EEETK2A331AM
(11)
125
✽ Size code( ) : Miniaturization product
· Please refer to the page of “Reflow Profile” and “The Taping Dimensions”.
· When requesting vibration-proof product, please put the last “V” instead to “Q” or “M”
Characteristics list
Mar. 2016
04



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com