Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EEEFC1V221AP Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # EEEFC1V221AP
Description  Aluminum Electrolytic Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EEEFC1V221AP Datasheet(HTML) 1 Page - Panasonic Semiconductor

  EEEFC1V221AP Datasheet HTML 1Page - Panasonic Semiconductor EEEFC1V221AP Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Aluminum Electrolytic Capacitors (SMD Type)
A±0.2
W
L
( ) Reference size
+
–
0.3 max.
Pressure Relief (
010 and larger)
22
FC
j
Capacitance (µF)
Rated voltage code
Series identification
Lot number
Negative polarity
marking (–)
Mark for Lead-Free
products
(Black dot)
Frequency correction factor for ripple current
Dimensions
Marking
Surface Mount Type
Series : FC Type : V
High temperature
Lead-Free reflow (suffix : A
✽)
Category temperature range
–40 °C to +105 °C
Rated voltage range
6.3 V.DC to 35 V.DC
Capacitance range
1 µF to 1500 µF
Capacitance tolerance
±20 % (120 Hz/+20 °C)
Leakage current
I
< 0.01 CV or 3 (µA) After 2 minutes (Whichever is greater)
Dissipation factor (tan
d)
Please see the attached characteristics list
Characteristics
at low temperature
V.DC
6.3
10
16
25
35
(Impedance ratio at 120 Hz)
Z(–25 °C) / Z(+20 °C)
22222
Z(–40 °C) / Z(+20 °C)
33333
Endurance
After applying rated working voltage for 1000 hours at +105 °C±2 °C and then being stabilized
at +20 °C, Capacitors shall meet the following limits.
Capacitance change Within ±20 % of the initial value
tan
d
< 200 % of the initial limit
DC leakage current
Within the initial limit
Shelf life
After storage for 1000 hours at +105 °C±2 °C with no voltage applied and then being stabilized
at +20 °C, capacitors shall meet the limits specified in Endurance.(With voltage treatment)
Resistance to
soldering heat
After reflow soldering and then being stabilized at +20 °C, capacitors shall meet the following limits.
Capacitance change Within ±10 % of the initial value
tan
d
Within the initial limit
DC leakage current
Within the initial limit
AEC-Q200
AEC-Q200 compliant
HA
FC
Low impedance
↑
Size
code
0D
L
A, B
H
I
W
P
K
B
4.0
5.4 -0.2
4.3
5.5 max. 1.8
0.65±0.1
1.0
0.35 -0.20
C
5.0
5.4 -0.2
5.3
6.5 max. 2.2
0.65±0.1
1.5
0.35 -0.20
D
6.3
5.4 -0.2
6.6
7.8 max. 2.6
0.65±0.1
1.8
0.35 -0.20
E
8.0
6.2±0.3
8.3
9.5 max. 3.4
0.65±0.1
2.2
0.35 -0.20
F
8.0 10.2±0.3
8.3 10.0 max. 3.4
0.90±0.2
3.1
0.70±0.2
G
10.0 10.2±0.3 10.3 12.0 max. 3.5
0.90±0.2
4.6
0.70±0.2
+0.1
+0.1
+0.1
+0.15
+0.15
+0.15
+0.15
Frequency (Hz)
50, 60
120
1 k
10 k
100 k to
Correction factor
0.70
0.75
0.90
0.95
1.00
Example : 6.3 V.DC 22 µF
Marking color : BLACK
(Unit : mm)
● Endurance : 105 °C 1000 h
● Low impedance (1/2 for HA series)
● Vibration-proof product is available upon request. (08 mm and larger)
● RoHS compliant
Features
Specifications
R. Voltage
(V.DC)
6.3
10
16
25
35
Code
j
ACE
V
Mar. 2016
02


Similar Part No. - EEEFC1V221AP

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
EEEFC1V221AP PANASONIC-EEEFC1V221AP Datasheet
74Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1V221AP PANASONIC-EEEFC1V221AP Datasheet
74Kb / 2P
Aluminum Electrolytic Capacitors/ FC
EEEFC1V221AP PANASONIC-EEEFC1V221AP Datasheet
80Kb / 2P
Aluminum Electrolytic Capacitors/ FC
More results

Similar Description - EEEFC1V221AP

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
LAQ2D330MEL NICHICON-LAQ2D330MEL Datasheet
82Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCA2C100MHD NICHICON-UCA2C100MHD Datasheet
98Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UCD1A220MCL NICHICON-UCD1A220MCL Datasheet
66Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UHD0J151MHD NICHICON-UHD0J151MHD Datasheet
87Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UFW0J331MPD NICHICON-UFW0J331MPD Datasheet
112Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
LLG2C561MELZ25 NICHICON-LLG2C561MELZ25 Datasheet
104Kb / 3P
ALUMINUM ELECTROLYTIC CAPACITORS
UPB1A101MPD NICHICON-UPB1A101MPD Datasheet
79Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPV0J101MFD NICHICON-UPV0J101MFD Datasheet
67Kb / 2P
ALUMINUM ELECTROLYTIC CAPACITORS
UPW0J220MDD NICHICON-UPW0J220MDD Datasheet
112Kb / 5P
ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41112 EPCOS-B41112 Datasheet
771Kb / 13P
Aluminum electrolytic capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com