Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GS1575B Datasheet(PDF) 21 Page - Semtech Corporation

Part # GS1575B
Description  Multi-Rate SDI Automatic Reclocker
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1575B Datasheet(HTML) 21 Page - Semtech Corporation

Back Button GS1575B Datasheet HTML 17Page - Semtech Corporation GS1575B Datasheet HTML 18Page - Semtech Corporation GS1575B Datasheet HTML 19Page - Semtech Corporation GS1575B Datasheet HTML 20Page - Semtech Corporation GS1575B Datasheet HTML 21Page - Semtech Corporation GS1575B Datasheet HTML 22Page - Semtech Corporation GS1575B Datasheet HTML 23Page - Semtech Corporation GS1575B Datasheet HTML 24Page - Semtech Corporation GS1575B Datasheet HTML 25Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
GS1575B / GS9075B HD-LINX® II Multi-Rate SDI
Automatic Reclocker
Data Sheet
40063 - 1
June 2009
21 of 28
4.9 DVB-ASI Operation
The GS1575B/9075B will also re-clock DVB-ASI at 270 Mb/s. When reclocking DVB-ASI
data set the ASI/177 pin HIGH to prevent a false lock to 177Mb/s. If ASI/177 is not set
HIGH, a false lock may occur since there is a harmonic present in idle patterns (K28.5)
which is very close the 177 Mb/s data rate (EIC 1179). Note that setting the ASI/177 pin
HIGH will disable the 177 Mb/s search when the device is in Auto mode, consequently
the GS1575B/9075B will not lock to that data rate.
4.10 Lock and LOS Indicators
The LOCKED signal is an active high output which indicates when the PLL is locked.
The internal lock logic of the GS1575B/9075B includes a system which monitors the
Frequency Acquisition Loop and the Phase Acquisition Loop as well as a monitor to
detect harmonic lock.
The LOS (Loss of Signal) output is an active HIGH output which indicates the absence of
data transitions at the DDIx input. In order for this output to be asserted, transitions must
not be present for a period of typically 5.14 us. After this output has been asserted, LOS
will deassert typically 5.14 us after the appearance of a transition at the DDIx input. This
timing relationship is shown in Figure 4-4:
Figure 4-4: LOS signal timing
NOTE: LOS is sensitive to transitions appearing at the input, and does not distinguish
between transitions caused by input data, and transitions due to noise.
DATA
LOS
5.14 us
5.14 us



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com