Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RN4Z Datasheet(PDF) 2 Page - Diode Semiconductor Korea

Part # RN4Z
Description  HIGH EFFICIENCY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DSK [Diode Semiconductor Korea]
Direct Link  http://www.diode.kr/
Logo DSK - Diode Semiconductor Korea

RN4Z Datasheet(HTML) 2 Page - Diode Semiconductor Korea

  RN4Z Datasheet HTML 1Page - Diode Semiconductor Korea RN4Z Datasheet HTML 2Page - Diode Semiconductor Korea  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0
1.0
2.0
3.0
0
25
50
75
100
125
150
3.5
S ingle Phase
H alf W ave 60H z
R esistive or
Inductive L oad
FIG.5--PEAK FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60Hz
RN4Z(Z)
FIG.1 -- TEST CIRCUIT DIAGRAM AND REVERSE RECOVERY TIME CHARACTERISTIC
INSTANTANEOUS FORWARD VOLTAGE, VOLTS
FIG.4 --TYPICAL JUNCTION CAPACITANCE
SET TIME BASE FOR 10/20 ns/cm
NOTES:1.RISE TIME = 7ns MAX.INPUT IMPEDANCE =1M . 22pF.
JJJJ 2.RISE TIME =10ns MAX.SOURCE IMPEDANCE=50
.
REVERSE VOLTAGE,VOLTS
FIG.2 -- TYPICAL FORWARD CHARACTERISTIC
FIG.3 --FORWARD DERATING CURVE
AMBIENT TEMPERATURE,
trr
-1.0A
-0.25A
0
+0.5A
1cm
PULSE
GENERATOR
(NOTE2)
D.U.T.
1
NONIN-
DUCTIVE
50
N 1.
10
N1.
OSCILLOSCOPE
(NOTE1)
(+)
25VDC
(approx)
(-)
0
0.1
1
10
100
TJ=25
Pulse Width=300µS
0.2
0.4 0.6 0.8 1
1.2 1.4 1.6 1.8 2
.2
TJ=25
f=1MHz
10
.1
20
.4
1.0
2
70
100
200
4
10
20
40
100
1
0
20
TJ=125
8.3ms Single Half
Sine-Wave
24
1
0
8
100
40
60 80
20
40
60
80
100
120
140
160
Diode Semiconductor Korea
www.diode.kr



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com