Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DGD21084 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DGD21084
Description  HALF BRIDGE GATE DRIVER IN SO-14
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DGD21084 Datasheet(HTML) 2 Page - Diodes Incorporated

  DGD21084 Datasheet HTML 1Page - Diodes Incorporated DGD21084 Datasheet HTML 2Page - Diodes Incorporated DGD21084 Datasheet HTML 3Page - Diodes Incorporated DGD21084 Datasheet HTML 4Page - Diodes Incorporated DGD21084 Datasheet HTML 5Page - Diodes Incorporated DGD21084 Datasheet HTML 6Page - Diodes Incorporated DGD21084 Datasheet HTML 7Page - Diodes Incorporated DGD21084 Datasheet HTML 8Page - Diodes Incorporated DGD21084 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
DGD21084
Document Number DS38342 Rev. 1 - 2
2 of 12
www.diodes.com
April 2016
© Diodes Incorporated
DGD21084
Pin Diagrams
Pin Descriptions
Pin Number
Pin Name
Function
1
VCC
Low-side and logic fixed supply
2
HIN
Logic input for high-side gate driver output, in phase with HO (Referenced to VSS)
3
LIN*
Logic input for low-side gate driver output, out of phase with LO (Referenced to VSS)
4
DT
Programmable dead time lead (Referenced to VSS)
5
VSS
Logic ground
6
COM
Low-side return
7
LO
Low-side gate drive output
8,9,10, 14
NC
No Connect (No Internal Connection)
11
VS
High-side floating supply return
12
HO
High-side gate drive output
13
VB
High-side floating supply
Functional Block Diagram
Top View SO-14 (Type TH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com