Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EB-32AI20M-D Datasheet(PDF) 2 Page - Red Lion Controls. Inc

Part # EB-32AI20M-D
Description  Ethernet I/O Modules
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  REDLION [Red Lion Controls. Inc]
Direct Link  http://www.redlion.net/
Logo REDLION - Red Lion Controls. Inc

EB-32AI20M-D Datasheet(HTML) 2 Page - Red Lion Controls. Inc

  EB-32AI20M-D Datasheet HTML 1Page - Red Lion Controls. Inc EB-32AI20M-D Datasheet HTML 2Page - Red Lion Controls. Inc EB-32AI20M-D Datasheet HTML 3Page - Red Lion Controls. Inc EB-32AI20M-D Datasheet HTML 4Page - Red Lion Controls. Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EtherTRAK®-2 Ethernet I/O Module Specifications
FLEXIBLE. RELIABLE. POWERFUL.
FEATURES & BENEFITS
High-Performance, Flexible I/O
• Provides high-speed functionality
• Lowers overall cost per I/O point
– Flexible mix of up to 34 I/O supports
DI, DO, AI, AO, temperature (RTD and
thermocouples)
– High resolution 16-bit analog or high-speed
10-bit analog
– Fast I/O polling of up to 1mS
– Advanced counter functions with 32-bit
reporting
– Time proportioned outputs simplify high-
speed pulse rate functions
Built-In Security
• Prevents unwanted intrusion
• Guards against unauthorized users
– User-assigned permissions
– Firewall protection
Flexible, Redundant Networking
• SimplifiesconnectivitybyreplacingEthernet
switches
• Ensuresreliabilitywithoutadditionalcost
– Real-Time Ring switch mode for fast
redundancy
– Switch elimination mode enables daisy-
chaining
– Dual independent Ethernet ports
– Ethernet, RS-485 and USB connections
– Optional Power over Ethernet (PoE)
– Embedded data concentrator
Configuration Maintenance & Monitoring
• Deliverscross-platformconfiguration
• Offers easy-to-use software tools
– Configuration and monitoring via standard
web browser
– On-board storage for project
documentation
– Project-based software tools
– User-based history tracks changes
– Per-channel calibration
– Configuration archiving
– Module hot-swap capabilities
Rugged, Compact Design
• Supports harsh environments
• Deliversprovenreliability
– Industrial -40 to 75°C operating range
– UL/CSA (CUL), FCC and CE rated
– Hazardous locations rated for Class I,
Div 2 (Zone 2) areas
– Vibration resistant IEC60068-2-6
– Self-resetting fuses protect I/O
Watchdog Monitoring & Reporting
• Provides health reports of various module
functions
• Reduces maintenance downtime
– CPU health
– Dual-power status
– Communication activity
– PoE status
– Port link status
EtherTRAK-2 Ethernet I/O Module
Industrial Automation
INDUSTRIAL AUTOMATION
Sixnet’s rugged RTUs and I/O
provide a simple yet powerful
means to reliably monitor and
control remote sites around the
clock in the harshest environments.
Our compact automation systems
can start small and grow as needs
increase without requiring hardware
replacement. Virtually unlimited
scalability means organizations have
fewer restrictions on the number
of remote sites or devices that are
supported. “Best of both worlds”
programming combines Windows
ease of use with the future-proof
security of an embedded Linux OS.
Real-Time Ring Switch Mode
Create redundant Ethernet reliability
without additional cost
Switch Elimination Mode
Daisy-chain modules without external
switches to save money and simplify
connectivity
NETWORKING OPTIONS
Two Networks Mode
Each Ethernet port has a unique MAC
and IP address for connection to two
independent physical networks
LAN A LAN B
Break in Cable
Active Data Path
Backup Data Path
FLEXIBLE. RELIABLE. POWERFUL.
FEATURES & BENEFITS
High-Performance, Flexible I/O
• Provides high-speed functionality
• Lowers overall cost per I/O point
– Flexible mix of up to 34 I/O supports
DI, DO, AI, AO, temperature (RTD and
thermocouples)
– High resolution 16-bit analog or high-speed
10-bit analog
– Fast I/O polling of up to 1mS
– Advanced counter functions with 32-bit
reporting
– Time proportioned outputs simplify high-
speed pulse rate functions
Built-In Security
• Prevents unwanted intrusion
• Guards against unauthorized users
– User-assigned permissions
– Firewall protection
Flexible, Redundant Networking
• SimplifiesconnectivitybyreplacingEthernet
switches
• Ensuresreliabilitywithoutadditionalcost
– Real-Time Ring switch mode for fast
redundancy
– Switch elimination mode enables daisy-
chaining
– Dual independent Ethernet ports
– Ethernet, RS-485 and USB connections
– Optional Power over Ethernet (PoE)
– Embedded data concentrator
Configuration Maintenance & Monitoring
• Deliverscross-platformconfiguration
• Offers easy-to-use software tools
– Configuration and monitoring via standard
web browser
– On-board storage for project
documentation
– Project-based software tools
– User-based history tracks changes
– Per-channel calibration
– Configuration archiving
– Module hot-swap capabilities
Rugged, Compact Design
• Supports harsh environments
• Deliversprovenreliability
– Industrial -40 to 75°C operating range
– UL/CSA (CUL), FCC and CE rated
– Hazardous locations rated for Class I,
Div 2 (Zone 2) areas
– Vibration resistant IEC60068-2-6
– Self-resetting fuses protect I/O
Watchdog Monitoring & Reporting
• Provides health reports of various module
functions
• Reduces maintenance downtime
– CPU health
– Dual-power status
– Communication activity
– PoE status
– Port link status
EtherTRAK-2 Ethernet I/O Module
Industrial Automation
INDUSTRIAL AUTOMATION
Sixnet’s rugged RTUs and I/O
provide a simple yet powerful
means to reliably monitor and
control remote sites around the
clock in the harshest environments.
Our compact automation systems
can start small and grow as needs
increase without requiring hardware
replacement. Virtually unlimited
scalability means organizations have
fewer restrictions on the number
of remote sites or devices that are
supported. “Best of both worlds”
programming combines Windows
ease of use with the future-proof
security of an embedded Linux OS.
Real-Time Ring Switch Mode
Create redundant Ethernet reliability
without additional cost
Switch Elimination Mode
Daisy-chain modules without external
switches to save money and simplify
connectivity
NETWORKING OPTIONS
Two Networks Mode
Each Ethernet port has a unique MAC
and IP address for connection to two
independent physical networks
LAN A LAN B
Break in Cable
Active Data Path
Backup Data Path



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com