Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LP8358MF-1.2 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP8358MF-1.2
Description  150mA, UCap, Low Dropout Voltage Regulator with Power Good
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP8358MF-1.2 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LP8358MF-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP8358MF-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance (Note 2)
Human Body Model
2000V
Junction Temperature
150˚C
V
IN,VOUT,VEN
−0.3 TO 6.5V
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering (10 sec)
260˚C (lead temp)
Operating Ratings
Supply Voltages
V
IN
2.7V to 6V
V
EN
0V to V
IN
Junction Temp. Range (Note 3)
−40˚C to +125˚C
Storage Temperature Range
−65˚C to 150˚C
Package Themal Resistance
SOT23-5
235˚C/W
Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, VIN = 2.7V, IL = 100µA, COUT = 1µF, VEN
≥ 2.0V. Boldface
limits apply over the entire operating temperature range, −40˚C to 125˚C.
Symbol
Parameter
Conditions
Min
(Note 5)
Typ
(Note 4)
Max
(Note 5)
Units
V
O
Output Voltage Accuracy
I
L = 100µA
-3
-4
3
4
%
∆V
O/VO
Line Regulation
V
IN = 2.7V to 6V
−0.3
0.3
%
∆V
O/VO
Load Regulation
I
L = 0.1mA to 150mA (Note 6)
1
4
%
I
Q
Quiescent Current
V
EN
≤ 0.4V (Shutdown), PG = NC
0.01
1
µA
I
GND
Ground Pin Current (Note 5)
I
L = 0mA, VEN
≥ 2.0V (active),
V
IN =6V
120
180
µA
I
L = 150mA, VEN
≥ 2.0V (active),
V
IN =6V
160
225
PSRR
Power Supply Rejection
Ratio
f = 120Hz, C
OUT = 4.7µF,
I
L= 150mA
62
dB
I
LIMIT
Current Limit
V
OUT =0V
160
350
mA
Thermal Protection
Thermal Shutdown
Temperature
150
˚C
Enable Input
V
IL
Enable Input Voltage Level
Logic Low (off) , V
IN = 5.5V
0.4
V
V
IH
Logic High (on), V
IN = 5.5V
2
V
I
IL
Enable Input Current
V
IL
≤ 0.4V, V
IN = 5.5V
0.01
µA
I
IH
V
IH
≥ 2.0V, V
IN = 5.5V
0.01
µA
Power Good
V
PG
Low Threshold
% of V
OUT (PG ON)
89
%
High Threshold
% of V
OUT (PG OFF)
97
V
OL
PG Output Logic-Low
Voltage
I
POWERGOOD = 100µA, Fault
Condition
2.0
10.0
mV
R
DSON
Power Good Output On -
Resistance
I
POWERGOOD = 1mA, Fault Condition
20
Ω
I
PG
Power Good Leakage
Current
Power Good Off, V
PG = 5.5V
0.01
µA
V
PG Delay
Delay Time to Power Good
See Timing Diagram
1
2.1
5
ms
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
intended to be functional, but specific performance is not guaranteed. For guaranteed specifications and the test conditions, see the Electrical Characteristics.
Note 2: Human body model, 1.5k
Ω in series with 100pF.
Note 3: The maximum power dissipation is a function of TJ(max) , θJA, and TA. The maximum allowable power dissipation at any ambient temperature
is PD =(TJ(max)–T A)/θJA. All numbers apply for packages soldered directly into a PC board.
Note 4: Typical Values represent the most likely parametric norm.
Note 5: All limits are guaranteed by testing or statistical analysis.
Note 6: Regulation is measured at constant junction temperature using low duty cycle pulse testing.
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com