Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLL1700E/2K Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PLL1700E/2K
Description  MULTI-CLOCK GENERATOR
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PLL1700E/2K Datasheet(HTML) 10 Page - Texas Instruments

Back Button PLL1700E/2K Datasheet HTML 6Page - Texas Instruments PLL1700E/2K Datasheet HTML 7Page - Texas Instruments PLL1700E/2K Datasheet HTML 8Page - Texas Instruments PLL1700E/2K Datasheet HTML 9Page - Texas Instruments PLL1700E/2K Datasheet HTML 10Page - Texas Instruments PLL1700E/2K Datasheet HTML 11Page - Texas Instruments PLL1700E/2K Datasheet HTML 12Page - Texas Instruments PLL1700E/2K Datasheet HTML 13Page - Texas Instruments PLL1700E/2K Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
PLL1700
10
SBOS096A
www.ti.com
DATE
REVISION
PAGE
SECTION
DESCRIPTION
—
Entire Document
Updated format to current standard look.
Added note (1) to VIH and VIL.
Added two rows to
Input Logic Level for VIH and VIL with note (2).
Added condition to
Clock Duty Cycle row stating that C1 = C2 = 15pF.
Changed "X2 should be connected" to "X2 must be connected."
Added text regarding signal amplitude.
Changed voltage from 2.0V to 1.2V.
Changed voltage from 0.8V to 0.4V.
Changed tXT1H min value from 15 to 10.
6
Sampling Group Select
Added text regarding interval time.
8
Mode Register
Added text regarding interval time.
Deleted note (1) from C1 and C2.
Changed note text from "tantalum" to "electrolytic" capacitor.
Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
5/07
A
3
Electrical Characteristics
5
Master Clock and
System Clock Output
5
Figure 5
9
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com